Electronic Components Datasheet Search
  English  ▼

X  

TAS3208 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3208
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3208 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TAS3208 Datasheet HTML 4Page - Texas Instruments TAS3208 Datasheet HTML 5Page - Texas Instruments TAS3208 Datasheet HTML 6Page - Texas Instruments TAS3208 Datasheet HTML 7Page - Texas Instruments TAS3208 Datasheet HTML 8Page - Texas Instruments TAS3208 Datasheet HTML 9Page - Texas Instruments TAS3208 Datasheet HTML 10Page - Texas Instruments TAS3208 Datasheet HTML 11Page - Texas Instruments TAS3208 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 79 page
background image
SAP OUT
(Transmitter )
LRCLKOUT
(Recreation /
Normalization )
DPLL
(11x)
DSP_CLK
(135 MHz)
DIVBY
4
MICRO _CLK
(33 MHz)
MCLKOUT
256 Fs
2816 Fs
64 Fs
Fs
SCLKOUT
64Fs
SCLKIN
LRCLKOUT
Fs
LRCLKIN
MCLKIN
128 Fs
MCLKIN
DIVBY
2
256 Fs
CMS (ClockMaster /SlaveSelection )
DIVBY
2
DIVBY
4
DIVBY
8
DIVBY
512
0
1
0
1
0
1
0
1
CMS
CMS
SAP IN
(Receiver )
SDIN 1
DatatoDSP Ch 1[23 :0 ]
ON (OutputNormalization
Enable )
SDOUT 1
DatafromDSP Ch 1 [23 :0]
SDIN 2
SDIN 3
DatatoDSP Ch 2[23 :0 ]
DatatoDSP Ch 3[23 :0 ]
DatatoDSP Ch 4[23 :0 ]
DatatoDSP Ch 5[23 :0 ]
DatatoDSP Ch 6[23 :0 ]
DatafromDSP Ch 2 [23 :0]
DatafromDSP Ch 3 [23 :0]
DatafromDSP Ch 4 [23 :0]
sdout 2
SPDIF_CLK
IM[1:0]
(SAP InputMode )
OM[1 :0]( SAP OutputMode )
SPDIF
Transmitter
ParallelDatafromDSP SPDIF _ L[23 :0]
ParallelDatafromDSP SPDIF _R[23 :0 ]
SPDIF _CONTROL _ REG_IN[]
spdif _tx_out
01
00
1*
SPDIF _IN
I2 CModule
DIVby 10
DIVby
(M+1)
DIVby 2^N
I2CSamplingClock
(N = 0)
SCL
SDA
I2CMasterSCL
Clock
(M = 8)
IM [1:0]
DigitalSignalProcessor
(DSP)
8051uC & Control
N[2:0]
M[2:0]
CMS
IW[1:0]
( SAP InputWordSize )
OW[1 :0]( SAP OutputWordSize )
OUTMUX [1 :0]
(AudioOutputSelect - ControlBits [1 :0]
fromSPDIFControlRegister : 0x16 )
SPDIF_OUT /
SDOUT2
0
1
SPDIF_MUTE
0
(MuteControlRegister : 0x09)
SAPOUT _MUTE [1 :0]
OSC
512Fs
TAS3208
SLES201E
– JANUARY 2007 – REVISED MARCH 2011
www.ti.com
Clocks
The TAS3208 can be configured as either the clock master or clock slave depending on the settings in the clock
configuration register. By default, the TAS3208 is configured as the clock master. Figure 3 shows the block
diagram of the TAS3208 clocks.
Figure 3. Clocking System
Digital Audio Interface
The TAS3208 has three digital inputs that accept discrete I2S, discrete left-justified, and discrete right-justified
PCM data.
The TAS3208 has two digital outputs that provide discrete I2S, discrete left-justified, and discrete right-justified
PCM data.The second digital output can also be configured to provide SPDIF encoded PCM data.
The TAS3208 has a SPDIF input that is capable of routing an SPDIF-encoded signal through the device. This
input is not processed by the digital audio processor (DAP). The clocking system for the device is shown in
Figure 4.
8
Submit Documentation Feedback
Copyright
© 2007–2011, Texas Instruments Incorporated
Product Folder Link(s): TAS3208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com