Electronic Components Datasheet Search
  English  ▼

X  

TAS3208 Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3208
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3208 Datasheet(HTML) 67 Page - Texas Instruments

Back Button TAS3208 Datasheet HTML 63Page - Texas Instruments TAS3208 Datasheet HTML 64Page - Texas Instruments TAS3208 Datasheet HTML 65Page - Texas Instruments TAS3208 Datasheet HTML 66Page - Texas Instruments TAS3208 Datasheet HTML 67Page - Texas Instruments TAS3208 Datasheet HTML 68Page - Texas Instruments TAS3208 Datasheet HTML 69Page - Texas Instruments TAS3208 Datasheet HTML 70Page - Texas Instruments TAS3208 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 79 page
background image
TAS3208
www.ti.com
SLES201E
– JANUARY 2007 – REVISED MARCH 2011
Mute Control Register (0x09)
Table 34. Mute Control Register
BIT
31
30
29
28
27
26
25
24
DESCRIPTION
0
0
0
0
0
0
0
0
Unused
BIT
23
22
21
20
19
18
17
16
0
0
0
0
0
0
0
0
Unused
BIT
15
14
13
12
11
10
9
8
0
0
Unused
AMX1
AMX0
Analog MUX out (LINEOUT1)
SD2
SD2
SDOUT2/SPDIFOUT
SD1
SD1
SDOUT1
BIT
7
6
5
4
3
2
1
0
DAC1
DAC1
DAC1
DAC2
DAC2
DAC2
DAC3
DAC3
DAC3
DIT
DIT
DIT
Table 35. Mute(1)
MUTE
MUTE[1]
MUTE[0]
Hardware controlled
0
0
Force mute off
0
1
Force mute on
1
0
(1)
Default values are shown in italics.
GPIO Control Register (0x0c)
Table 36. GPIO Control Register
BIT
31
30
29
28
27
26
25
24
DESCRIPTION
WDE
Watchdog timer
0
0
0
Unused
IO2
GPIO2 input/output value
IO1
GPIO1 input/output value
DIR2
GPIO2 direction
DIR1
GPIO1 direction
BIT
23
22
21
20
19
18
17
16
x
x
x
x
x
x
x
x
GPIOMICROCOUNT MSB
BIT
15
14
13
12
11
10
9
8
x
x
x
x
x
x
x
x
GPIOMICROCOUNT LSB
BIT
7
6
5
4
3
2
1
0
y
y
y
y
y
y
y
y
GPIO_Sampling_Interval
GPIOMICROCOUNT sets the number of micro clock cycles for Timer 0 interrupt. In Timer 0 interrupt service
routine, the watchdog timer is reset if it is enabled. The default value for this counter is 0x5820, which
corresponds to a period 1.25 ms.
Table 37.
Watchdog Timer Enable(1)
WATCHDOG TIMER
WDE
Enable
0
(1)
Default values are shown in italics.
Copyright
© 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
67
Product Folder Link(s): TAS3208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com