Electronic Components Datasheet Search
  English  ▼

X  

TAS3208 Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3208
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3208 Datasheet(HTML) 52 Page - Texas Instruments

Back Button TAS3208 Datasheet HTML 48Page - Texas Instruments TAS3208 Datasheet HTML 49Page - Texas Instruments TAS3208 Datasheet HTML 50Page - Texas Instruments TAS3208 Datasheet HTML 51Page - Texas Instruments TAS3208 Datasheet HTML 52Page - Texas Instruments TAS3208 Datasheet HTML 53Page - Texas Instruments TAS3208 Datasheet HTML 54Page - Texas Instruments TAS3208 Datasheet HTML 55Page - Texas Instruments TAS3208 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 79 page
background image
TAS3208
SLES201E
– JANUARY 2007 – REVISED MARCH 2011
www.ti.com
Table 13. DSP Program RAM Block Structure
STARTING
DATA BLOCK FORMAT
SIZE
VALUE
NOTES
BYTE
Checksum MSB
0
2 bytes
Checksum of byte 2 through N + 12
Checksum LSB
Header ID byte 1
0x00
2
2 bytes
Must be 0x001F
Header ID byte 2
0x1F
4
Memory to be loaded
1 byte
0x02
Microprogram RAM or micro external data RAM
5
0x00
1 byte
0x00
Unused
Start memory address MSB
6
2 bytes
If this is a termination header, this value is 0000.
Start memory address LSB
Total number of byte transferred MSB
8
2 bytes
Header (12) + data (N) + checksum (4)
Total number of byte transferred LSB
10
0x00
1 byte
0x00
Unused
11
0x00
1 byte
0x00
Unused
Program byte 1 (LSB)
Program word 1 D7
–D0
Program byte 2
D15
–D8
Program byte 3
D23
–D16
12
Program byte 4
7 bytes
D31
–D24
Program byte 5
D39
–D32
Program byte 6
D47
–D40
Program byte 7 (MSB)
D55
–D48
Program byte 8 (LSB)
Program byte 9
Program byte 10
19
Program byte 11
7 bytes
Program word 2
Program byte 12
Program byte 13
Program byte 14 (MSB)
⋮
⋮
⋮
⋮
⋮
0x00
0x00
0x00
N + 12
0x00
7 bytes
Repeated checksum byte 2 through N +11
0x00
Checksum MSB
Checksum LSB
52
Submit Documentation Feedback
Copyright
© 2007–2011, Texas Instruments Incorporated
Product Folder Link(s): TAS3208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com