Electronic Components Datasheet Search
  English  ▼

X  

TAS3208 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3208
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3208 Datasheet(HTML) 1 Page - Texas Instruments

  TAS3208 Datasheet HTML 1Page - Texas Instruments TAS3208 Datasheet HTML 2Page - Texas Instruments TAS3208 Datasheet HTML 3Page - Texas Instruments TAS3208 Datasheet HTML 4Page - Texas Instruments TAS3208 Datasheet HTML 5Page - Texas Instruments TAS3208 Datasheet HTML 6Page - Texas Instruments TAS3208 Datasheet HTML 7Page - Texas Instruments TAS3208 Datasheet HTML 8Page - Texas Instruments TAS3208 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 79 page
background image
TAS3208
www.ti.com
SLES201E
– JANUARY 2007 – REVISED MARCH 2011
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
Check for Samples: TAS3208
1
FEATURES
•
Digital Audio Input/Output
– Three Synchronous Serial Audio Inputs
2
•
Digital Audio Processor
(Six Channels)
•
Fully Programmable With Graphical,
– Two Synchronous Serial Audio Outputs
Drag-and-Drop PurePath Studio
™ Software
(Four Channels)
Development Environment
– Input and Output Data Formats: 16-, 20-, or
•
135-MHz Operation
24-Bit Data Left, Right, and I2S
•
48-Bit Data Path With 76-Bit Accumulator
– SPDIF Transmitter
•
Hardware Single-Cycle Multiplier (28
× 48)
•
System Control Processor
•
Five Simultaneous Operations Per Clock Cycle
– Embedded 8051 WARP Microprocessor
•
Usable 768 Words Data RAM (48 Bit), Usable
– Programmable Using Standard 8051 C
1K Coefficient RAM (28 Bit)
Compilers
•
Usable 2.5K Program RAM
– Four Programmable GPIO Pins
•
360 ms at 48 kHz, 17K Words 24-Bit Delay
•
General Features
Memory
– Two I2C Ports for Slave or Master Download
•
Slave Mode Fs is 44.1 kHz and 48 kHz
– Single 3.3-V Power Supply
•
Master Mode Fs is 48 kHz
– Integrated Regulators
•
Analog Audio Input/Output
– 10:1 Stereo Analog Input MUX
APPLICATIONS
– Stereo Analog Pass-Through Channel
•
Flat-Screen TVs
– Stereo, Single-Ended ADC (93 dB DNR
•
MP3 Players/Music Phone Docks
Typical)
•
Speaker Bars
– Six Single-Ended DACs (97 dB DNR
•
Mini/Micro Component Systems
Typical)
•
Automotive Head Units
– Stereo Headphone Amplifier, 24-mW Power
Output into 16
Ω, 100 pF
•
Musical Instruments
DESCRIPTION
The TAS3208 is a highly-integrated audio system-on-chip (SOC) consisting of a fully-programmable 48-bit digital
audio processor, 10:1 stereo analog input MUX, stereo ADC, six DACs, and other analog functionality. The
TAS3208 is programmable with the graphical PurePath Studio
™ suite of DSP code development software.
PurePath Studio is a highly intuitive, drag-and-drop development environment that minimizes software
development effort while allowing the end user to utilize the power and flexibility of the TAS3208
’s digital audio
processing core.
TAS3208 processing capability includes speaker equalization and cross over, volume/bass/treble control, signal
mixing/MUXing/splitting, delay compensation, dynamic range compression, and many other basic audio
functions. Audio functions such as matrix decoding, stereo widening, surround sound virtualization and
psychoacoustic bass boost are also available with either third party or TI royalty-free algorithms.
The TAS3208 contains a custom-designed, fully-programmable 135-MHz, 48-bit digital audio processor. A 76-bit
accumulator ensures that the high precision necessary for quality digital audio is maintained during arithmetic
operations. A stereo, 93-dB DNR ADC and six 97-dB DNR DACs ensure that high-quality audio is maintained
through the whole signal chain.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PurePath Studio, PowerPAD are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2007–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TAS3208

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS3208 TI-TAS3208 Datasheet
221Kb / 9P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3208PZP TI-TAS3208PZP Datasheet
221Kb / 9P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3208PZPR TI-TAS3208PZPR Datasheet
221Kb / 9P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3208YZPR TI-TAS3208YZPR Datasheet
221Kb / 9P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
More results

Similar Description - TAS3208

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS3002 TI-TAS3002 Datasheet
350Kb / 74P
Digital Audio Processor With Codec
logo
Maxim Integrated Produc...
MAX5406 MAXIM-MAX5406 Datasheet
501Kb / 26P
Audio Processor with Pushbutton Interface
Rev 0; 5/06
logo
Texas Instruments
TAS3208 TI-TAS3208 Datasheet
221Kb / 9P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3204 TI-TAS3204 Datasheet
1Mb / 72P
AUDIO DSP WITH ANALOG INTERFACE
logo
STMicroelectronics
STA330 STMICROELECTRONICS-STA330 Datasheet
832Kb / 55P
2.0 digital audio processor with FFX digital modulator and analog and digital inputs
12-Dec-2007
logo
Texas Instruments
TAS3308 TI-TAS3308 Datasheet
370Kb / 11P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3218 TI-TAS3218 Datasheet
1Mb / 78P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3218 TI-TAS3218_1 Datasheet
1Mb / 79P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3202 TI1-TAS3202 Datasheet
802Kb / 66P
AUDIO DSP WITH ANALOG INTERFACE
logo
Maxim Integrated Produc...
MAX5406 MAXIM-MAX5406_V01 Datasheet
2Mb / 25P
Audio Processor with Pushbutton Interface
19-3817; Rev 1; 4/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com