Electronic Components Datasheet Search
  English  ▼

X  

TAS3208 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3208
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3208 Datasheet(HTML) 5 Page - Texas Instruments

  TAS3208 Datasheet HTML 1Page - Texas Instruments TAS3208 Datasheet HTML 2Page - Texas Instruments TAS3208 Datasheet HTML 3Page - Texas Instruments TAS3208 Datasheet HTML 4Page - Texas Instruments TAS3208 Datasheet HTML 5Page - Texas Instruments TAS3208 Datasheet HTML 6Page - Texas Instruments TAS3208 Datasheet HTML 7Page - Texas Instruments TAS3208 Datasheet HTML 8Page - Texas Instruments TAS3208 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 79 page
background image
TAS3208
www.ti.com
SLES201E
– JANUARY 2007 – REVISED MARCH 2011
Table 2. TERMINAL FUNCTIONS
TERMINAL
I/O
TERMINATION(1)
DESCRIPTION
NO.
NAME
1
DVSS1
P
Digital ground
2
VREG_EN
DI
Voltage regulator enable
3
STEST
DI
Pulldown
Test pin to reconfigure pins
4, 5,
17, 18,
TEST
–
Pulldown
19, 20
6
GPIO4
DIO
Pulldown
General-purpose input/output 4
7
GPIO3
DIO
Pulldown
General-purpose input/output 3
8
MCLKOUT
DO
Master clock output
9
LRCLKOUT
DO
Left/right (frame) clock output
10
SCLKOUT
DO
Serial audio data clock output
11
SDOUT1
DO
Serial digital audio data output 1
SDOUT2/
12
DO
Serial digital audio data out 2/SPDIF output
SPDIF_OUT
13
DVDD2
P
3.3-V digital power
Pinout of internal regulator. A 4.7-
µF low-ESR capacitor should be
14
VR_DIG1
P
connected between this pin and digital ground. This terminal must not be
used to power external devices.
15
DVSS2
P
Digital ground
16
SPDIF_IN
DI
SPDIF input
21
SDIN3
DI
Serial digital audio data input 3
22
SDIN2
DI
Serial digital audio data input 2
23
SDIN1
DI
Serial digital audio data input 1
24
LRCLKIN
DI
Left/right (frame) clock input
25
SCLKIN
DI
Serial audio data clock input
26
MCLKIN
DI
Master clock input
27
DVSS3
P
Digital ground
28
DVDD3
P
3.3-V digital power master
29
I2C_SDA2
DIO
I2C serial data master
30
I2C_SCL2
DIO
I2C serial clock slave
31
I2C_SDA1
DIO
I2C serial data slave
32
I2C_SCL1
DIO
I2C serial clock
33
CS
DI
Chip select
34
GPIO1
DIO
General-purpose input/output 1
35
GPIO2
DIO
General-purpose input/output 2
36
MUTE
DI
Pullup
Mute device
37
RESET
DI
Pullup
Reset
38
DVSS4
P
Digital ground
39
DVDD4
P
3.3-V digital power
40
DVSS5
P
3.3-V digital power
Pinout of internal regulator. A 4.7-
µF low-ESR capacitor should be
41
VR_DIG2
P
connected between this pin and digital ground. This terminal must not be
used to power external devices.
42
AVSS_ESD
P
Analog ESD ground
43
LINEIN1L
AI
Left-channel analog input 1
(1)
All pullups are 20-
µA weak pullups, and all pulldowns are 20-µA weak pulldowns (166 kΩ) . The pullups and pulldowns are included to
ensure proper input logic levels if the terminals are left unconnected (pullups at logic 1 input; pulldowns at logic 0 input). Devices that
drive inputs with pullups must be able to sink 20
µA while maintaining a logic 0 drive level. Devices that drive inputs with pulldowns must
be able to source 20
µA while maintaining a logic 1 drive level.
Copyright
© 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TAS3208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com