Electronic Components Datasheet Search
  English  ▼

X  

TAS3208 Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3208
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3208 Datasheet(HTML) 59 Page - Texas Instruments

Back Button TAS3208 Datasheet HTML 55Page - Texas Instruments TAS3208 Datasheet HTML 56Page - Texas Instruments TAS3208 Datasheet HTML 57Page - Texas Instruments TAS3208 Datasheet HTML 58Page - Texas Instruments TAS3208 Datasheet HTML 59Page - Texas Instruments TAS3208 Datasheet HTML 60Page - Texas Instruments TAS3208 Datasheet HTML 61Page - Texas Instruments TAS3208 Datasheet HTML 62Page - Texas Instruments TAS3208 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 79 page
background image
TAS3208
www.ti.com
SLES201E
– JANUARY 2007 – REVISED MARCH 2011
Table 19. DSP Data Block Structure(1)
CALC
TOTAL
REGISTER
BYTE
DATA BLOCK FORMAT
NOTE
CHECKSUM
NO. BYTES
1
Checksum MSB
2
Checksum LSB
3
Memory to be loaded 0x04
4
0x00
Control
0x04
5
Start memory address MSB
6
Start memory address LSB
7
Total number of byte transferred MSB
8
Total number of byte transferred LSB
1
0x00
2
0x00
Coefficient word 1
3
D47
–D40
4
D39
–D32
Data
0x05
5
D31
–D24
6
D23
–D16
Coefficient word 2
7
D15
–D8
8
D7
–D0
1
0x00
2
0x00
Coefficient word 3
3
D47
–D40
4
D39
–D32
Data
0x05
5
D31
–D24
6
D23
–D16
Coefficient word 4
7
D15
–D8
8
D7
–D0
1
0x00
2
0x00
3
0x00
Should be zero
4
0x00
Data
0x05
5
0x00
6
0x00
7
Checksum MSB
End checksum is always located
here.
8
Checksum LSB
(1)
Shades cells indicate the values included in the checksum/total number of bytes calculation.
Copyright
© 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
59
Product Folder Link(s): TAS3208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com