Electronic Components Datasheet Search
  English  ▼

X  

TAS3208 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3208
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3208 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TAS3208 Datasheet HTML 19Page - Texas Instruments TAS3208 Datasheet HTML 20Page - Texas Instruments TAS3208 Datasheet HTML 21Page - Texas Instruments TAS3208 Datasheet HTML 22Page - Texas Instruments TAS3208 Datasheet HTML 23Page - Texas Instruments TAS3208 Datasheet HTML 24Page - Texas Instruments TAS3208 Datasheet HTML 25Page - Texas Instruments TAS3208 Datasheet HTML 26Page - Texas Instruments TAS3208 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 79 page
background image
TAS3208
www.ti.com
SLES201E
– JANUARY 2007 – REVISED MARCH 2011
Embedded M8051 WARP Microcontroller
The embedded M8051 WARP microcontroller provides the overall control for the TAS3208 device. This control
includes device initialization, memory loading, I2C transactions, control-pin operations, and participation in most
processing tasks requiring multiframe processing cycles.
The microcontroller has its own data RAM for storing intermediate values and queuing I2C commands, a fixed
boot program ROM, and a programmable program RAM. The microprocessor
’s boot program cannot be altered.
The microcontroller has specialized hardware for a master and slave interface operation, volume updates, and a
programmable interval timer interrupt.
M8051 Addressing Modes
The 256 bytes of internal data memory address space are accessible using indirect addressing instructions
(including stack operations). However, only the lower 128 bytes are accessible using direct addressing. The
upper 128 bytes of direct address data memory space are used to access external special function data registers
(ESFRs).
Register Banks
There are four directly addressable register banks, only one of which may be selected at one time. The register
banks occupy Internal data memory addresses from 00 hex to 1F hex.
Bit Addressing
The 16 bytes of internal data memory that occupy addresses from 20 hex to 2F hex are bit addressable. ESFRs
that have addresses in the form 1XXXX000 binary are also bit addressable.
Scratch Pad
Internal data memory occupying direct addresses from 30 hex to 7F hex can be used as scratch-pad registers or
for the stack.
External Data Memory
External data RAM occupies a 64K address space. This space contains ESFRs. ESFRs permit access and
control of the hardware features and internal interfaces of the TAS3208 DSP.
M8051 Boot-Up Sequence
Figure 17 shows the boot-up sequence. M8051 MCU ROM code follows this sequence after device reset
release. After the micro completes the boot-up application code (RAM code), the microcontroller switches the
program counter from ROM to RAM code by pc_source(esfr - 0xFD).
Copyright
© 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): TAS3208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com