Electronic Components Datasheet Search
  English  ▼

X  

TAS3208 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3208
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3208 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TAS3208 Datasheet HTML 18Page - Texas Instruments TAS3208 Datasheet HTML 19Page - Texas Instruments TAS3208 Datasheet HTML 20Page - Texas Instruments TAS3208 Datasheet HTML 21Page - Texas Instruments TAS3208 Datasheet HTML 22Page - Texas Instruments TAS3208 Datasheet HTML 23Page - Texas Instruments TAS3208 Datasheet HTML 24Page - Texas Instruments TAS3208 Datasheet HTML 25Page - Texas Instruments TAS3208 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 79 page
background image
DAC 1
LINEOUT 1 L/R
(Stereo)
–1
–1
Amp
+
–
D2S Line Amp
MUX 11:1
VREF
ADC
Amp
Line Amp
–1
–1
MUX 10:1
LINE IN 10 ch
(Stereo)
1 V
(single-ended)
RMS
DAC 3
DAC 2
–1
–1
–
–
+
+
D2S Line Amp
D2S HP Amp
DACOUT 1 L/R
(Stereo)
DACOUT 2 L/R
(Stereo)
HPOUT L/R
(Stereo)
Register Map for MUTE Control
0x09
DACOUT2
BIT
Pin Name
DAC 2
MUTE Block
DACOUT1
Pin Name
DAC 1
MUTE Block
HPOUT
BIT
Pin Name
DAC 3
MUTE Block
LINEOUT1
13
12
BIT
Pin Name
MUX1
MUTE Block
5
4
2
3
7
6
BIT
0
*
1
1
HW Mute control
DESCRIPTION
Force MUTE ON
Force MUTE OFF
0
0
TAS3208
SLES201E
– JANUARY 2007 – REVISED MARCH 2011
www.ti.com
Figure 16. Analog Input/Output
22
Submit Documentation Feedback
Copyright
© 2007–2011, Texas Instruments Incorporated
Product Folder Link(s): TAS3208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com