Electronic Components Datasheet Search
  English  ▼

X  

BM62 Datasheet(PDF) 22 Page - Microchip Technology

Part # BM62
Description  Bluetooth짰 4.2 Stereo Audio Module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM62 Datasheet(HTML) 22 Page - Microchip Technology

Back Button BM62 Datasheet HTML 18Page - Microchip Technology BM62 Datasheet HTML 19Page - Microchip Technology BM62 Datasheet HTML 20Page - Microchip Technology BM62 Datasheet HTML 21Page - Microchip Technology BM62 Datasheet HTML 22Page - Microchip Technology BM62 Datasheet HTML 23Page - Microchip Technology BM62 Datasheet HTML 24Page - Microchip Technology BM62 Datasheet HTML 25Page - Microchip Technology BM62 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 70 page
background image
BM62/64
DS60001403A - Page 22
 2016 Microchip Technology Inc.
FIGURE 4-2:
LED DRIVER
4.4
Under Voltage Protection
When the SYS_PWR voltage is less than 2.9V, the sys-
tem will shutdown.
4.5
Ambient Detection
The BM62/64 module has a built-in ADC for charger
thermal protection. Figure 4-3 illustrates the suggested
circuit and thermistor, Murata NCP15WF104F. The
charger thermal protection can avoid battery charge in
restricted temperature range. The upper and lower
limits for temperature values can be configured using
the UI tool.
FIGURE 4-3:
AMBIENT DETECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com