Electronic Components Datasheet Search
  English  ▼

X  

BM62 Datasheet(PDF) 59 Page - Microchip Technology

Part # BM62
Description  Bluetooth짰 4.2 Stereo Audio Module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM62 Datasheet(HTML) 59 Page - Microchip Technology

Back Button BM62 Datasheet HTML 55Page - Microchip Technology BM62 Datasheet HTML 56Page - Microchip Technology BM62 Datasheet HTML 57Page - Microchip Technology BM62 Datasheet HTML 58Page - Microchip Technology BM62 Datasheet HTML 59Page - Microchip Technology BM62 Datasheet HTML 60Page - Microchip Technology BM62 Datasheet HTML 61Page - Microchip Technology BM62 Datasheet HTML 62Page - Microchip Technology BM62 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 70 page
background image
 2016 Microchip Technology Inc.
DS60001403A - Page 59
BM62/64
APPENDIX A:
CERTIFICATION
NOTICES
The BM62/64 stereo audio module will cover
regulatory approval for following countries:
• United States; FCC ID: (In progress)
• Canada, IC ID: (In progress)
• Europe: (In progress)
• Japan: (In progress)
• Korea: (In progress)
• Taiwan; NCC No: (In progress)
• China: CMIIT ID: (In progress)
A.1
REGULATORY APPROVAL
This section outlines the regulatory information for the
BM62/64 stereo audio module for the following
countries:
• United States
• Canada
• Europe
• Japan
• Korea
• Taiwan
• China
• Other Regulatory Jurisdictions
A.2
United States
The BM62/64 stereo audio module has received Federal
Communications Commission (FCC) CFR47 Telecom-
munications, Part 15 Subpart C “Intentional Radiators”
modular approval in accordance with Part 15.212 Mod-
ular Transmitter approval. Modular approval allows the
user to integrate the BM62/64 module into a finished
product without obtaining subsequent and separate
FCC approvals for intentional radiation, provided no
changes or modifications are made to the module cir-
cuitry. Changes or modifications could void the user’s
authority to operate the equipment. The user must com-
ply with all of the instructions provided by the Grantee,
which indicate installation and/or operating conditions
necessary for compliance.
The finished product is required to comply with all appli-
cable FCC equipment authorizations regulations,
requirements and equipment functions not associated
with the transmitter module portion. For example, com-
pliance must be demonstrated to regulations for other
transmitter components within the host product; The
requirements for unintentional radiators (Part 15 Sub-
part B “Unintentional Radiators”), such as digital
devices, computer peripherals, radio receivers, etc.;
and to additional authorization requirements for the
non-transmitter functions on the transmitter module
(i.e., Verification, or Declaration of Conformity) (e.g.,
transmitter modules may also contain digital logic func-
tions) as appropriate.
A.2.1
LABELING AND USER
INFORMATION REQUIREMENTS
The BM62/64 stereo audio module has been labeled
with its own FCC ID number, and if the FCC ID is not
visible when the module is installed inside another
device, then the outside of the finished product into
which the module is installed must also display a label
referring to the enclosed module. This exterior label can
use wording as follows:
A user’s manual for the finished product must include
the following statement:
Additional information on labeling and user information
requirements for Part 15 devices can be found in KDB
Publication 784748 available at the FCC Office of Engi-
Note:
This device has not been authorized as
required by the rules of the Federal Com-
munications Commission. This device is
not, and may not be offered for sale or
lease, or sold or leased, until authorization
is obtained.
Contains Transmitter Module FCC ID:
or
Contains FCC ID:
This device complies with Part 15 of the FCC Rules.
Operation is subject to the following two conditions:
(1) this device may not cause harmful interference,
and (2) this device must accept any interference
received, including interference that may cause
undesired operation
This equipment has been tested and found to comply
with the limits for a Class B digital device, pursuant to
part 15 of the FCC Rules. These limits are designed
to provide reasonable protection against harmful
interference in a residential installation. This equip-
ment generates, uses and can radiate radio fre-
quency energy, and if not installed and used in
accordance with the instructions, may cause harmful
interference to radio communications. However,
there is no guarantee that interference will not occur
in a particular installation. If this equipment does
cause harmful interference to radio or television
reception, which can be determined by turning the
equipment off and on, the user is encouraged to try to
correct the interference by one or more of the follow-
ing measures:
• Reorient or relocate the receiving antenna
• Increase the separation between the equipment
and receiver
• Connect the equipment into an outlet on a circuit
different from that to which the receiver is con-
nected
• Consult the dealer or an experienced radio/TV
technician for help



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com