Electronic Components Datasheet Search
  English  ▼

X  

BM62 Datasheet(PDF) 7 Page - Microchip Technology

Part # BM62
Description  Bluetooth짰 4.2 Stereo Audio Module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM62 Datasheet(HTML) 7 Page - Microchip Technology

Back Button BM62 Datasheet HTML 3Page - Microchip Technology BM62 Datasheet HTML 4Page - Microchip Technology BM62 Datasheet HTML 5Page - Microchip Technology BM62 Datasheet HTML 6Page - Microchip Technology BM62 Datasheet HTML 7Page - Microchip Technology BM62 Datasheet HTML 8Page - Microchip Technology BM62 Datasheet HTML 9Page - Microchip Technology BM62 Datasheet HTML 10Page - Microchip Technology BM62 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 70 page
background image
 2016 Microchip Technology Inc.
DS60001403A - Page 7
BM62/64
Table 1-1 provides the key features of the BM62/64
module.
TABLE 1-1:
BM62/64 KEY FEATURES
Feature
BM62 CLASS2
BM64 CLASS2
BM64 CLASS1
Application
Headset/Speaker
Multi-speaker/Soundbar/Subwoofer
Stereo/mono
Stereo
Stereo
Stereo
Pin count
37
43
43
Dimensions (mm2)
15 x 29
15 x 32
15 x 32
PCB antenna
Yes
Yes
Yes
Tx power (typical)
2 dBm
2 dBm
15 dBm
Audio DAC output
2 Channel
2 Channel
2 Channel
DAC (single-ended) SNR at 2.8V (dB)
-98
-98
-98
DAC (capless) SNR at 2.8V (dB)
-98
-98
-98
ADC SNR at 2.8V (dB)
-92
-92
-92
I2S digital interface
No
Yes
Yes
Analog AUX-In
Yes
Yes
Yes
Mono MIC
1
1
1
External audio amplifier interface
Yes
Yes
Yes
UART
Yes
Yes
Yes
LED driver
2
2
2
Internal DC-DC Step-down regulator
Yes
Yes
Yes
DC 5V adapter input
Yes
Yes
Yes
Battery charger (350 mA max.)
Yes
Yes
Yes
ADC for thermal charger protection
Yes
Yes
Yes
Undervoltage protection (UVP)
Yes
Yes
Yes
GPIO
10
12
12
Button support
6
6
6
NFC (triggered by external NFC)
Yes
Yes
Yes
EEPROM
Yes
Yes
Yes
Customized voice prompt
Store in EEPROM
Multi-tone
Yes
Yes
Yes
DSP sound effect
Yes
Yes
Yes
Bluetooth profiles
HFP
1.6
1.6
1.6
AVRCP
1.6
1.6
1.6
A2DP
1.3
1.3
1.3
HSP
1.2
1.2
1.2
SPP
1.2
1.2
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com