Electronic Components Datasheet Search
  English  ▼

X  

BM62 Datasheet(PDF) 10 Page - Microchip Technology

Part # BM62
Description  Bluetooth짰 4.2 Stereo Audio Module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM62 Datasheet(HTML) 10 Page - Microchip Technology

Back Button BM62 Datasheet HTML 6Page - Microchip Technology BM62 Datasheet HTML 7Page - Microchip Technology BM62 Datasheet HTML 8Page - Microchip Technology BM62 Datasheet HTML 9Page - Microchip Technology BM62 Datasheet HTML 10Page - Microchip Technology BM62 Datasheet HTML 11Page - Microchip Technology BM62 Datasheet HTML 12Page - Microchip Technology BM62 Datasheet HTML 13Page - Microchip Technology BM62 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
BM62/64
DS60001403A - Page 10
 2016 Microchip Technology Inc.
Legend:
I= Input pin
O= Output pin
I/O= Input/Output pin
P= Power pin
Note:
These pins can be configured using the UI tool, a Windows utility.
18
I/O
P0_1
Configurable control or indication pin
(Internally pulled-up, if configured as an input)
FWD key
19
P
VDD_IO
I/O positive supply. Do not connect. For internal use
only
20
P
ADAP_IN
5V power adaptor input
21
P
BAT_IN
Battery input, voltage range: 3.2V to 4.2V
22
P
AMB_DET
Analog input for ambient temperature detection
23
P
GND
Ground reference
24
P
SYS_PWR
System power output
25
P
BK_OUT
1.8V buck output. Do not connect to other devices. For
internal use only,
26
I
MFB
Multi-function button
27
I
LED1
LED Driver 1
28
I
LED2
LED Driver 2
29
I/O
P2_4
System configuration pin along with P2_0 and EAN
pins, used to set the module in any one of the following
three modes:
• Application mode (for normal operation)
• Test mode (to change EEPROM values)
• Write Flash mode (to enter the new firmware into
the module), refer to Table 5-1
30
I/O
P0_2
Configurable control or indication pin
(Internally pulled-up if configured as an input)
Play/Pause key as the default setting
31
I/O
P0_3
Configurable control or indication pin
(Internally pulled-up if configured as an input)
• REV key
• Buzzer signal output
• Out_Ind_2
32
I/O
HCI_TXD
HCI UART data output
33
I/O
HCI_RXD
HCI UART data output
34
I/O
P0_5
Configurable control or indication pin
(Internally pulled-up if configured as an input)
Volume-down key (default)
35
I/O
P2_7
Configurable control or indication pin
(Internally pulled-up if configured as an input)
Volume-up key (default)
36
-
NC
No connection
37
P
GND
Ground reference
38
-
NC
No connection
39
-
NC
No connection
40
-
NC
No connection
TABLE 1-2:
BM62 PIN DESCRIPTION (CONTINUED)
Pin No
Pin Type
Pin Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com