Electronic Components Datasheet Search
  English  ▼

X  

BM62 Datasheet(PDF) 60 Page - Microchip Technology

Part # BM62
Description  Bluetooth짰 4.2 Stereo Audio Module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM62 Datasheet(HTML) 60 Page - Microchip Technology

Back Button BM62 Datasheet HTML 56Page - Microchip Technology BM62 Datasheet HTML 57Page - Microchip Technology BM62 Datasheet HTML 58Page - Microchip Technology BM62 Datasheet HTML 59Page - Microchip Technology BM62 Datasheet HTML 60Page - Microchip Technology BM62 Datasheet HTML 61Page - Microchip Technology BM62 Datasheet HTML 62Page - Microchip Technology BM62 Datasheet HTML 63Page - Microchip Technology BM62 Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 70 page
background image
BM62/64
DS60001403A - Page 60
 2016 Microchip Technology Inc.
neering and Technology (OET) Laboratory Division
Knowledge Database (KDB)
http://apps.fcc.gov/oetcf/kdb/index.cfm
A.1.3
RF EXPOSURE
All transmitters regulated by FCC must comply with RF
exposure requirements. KDB 447498 General RF
Exposure Guidance provides guidance in determining
whether proposed or existing transmitting facilities,
operations or devices comply with limits for human
exposure to Radio Frequency (RF) fields adopted by
the Federal Communications Commission (FCC).
From the FCC Grant: Output power listed is conducted.
This grant is valid only when the module is sold to OEM
integrators and must be installed by the OEM or OEM
integrators. This transmitter is restricted for use with
the specific antenna(s) tested in this application for
Certification and must not be co-located or operating in
conjunction with any other antenna or transmitters
within a host device, except in accordance with FCC
multi-transmitter product procedures.
A.1.4
HELPFUL WEB SITES
Federal
Communications
Commission
(FCC):
http://www.fcc.gov
FCC Office of Engineering and Technology (OET) Lab-
oratory
Division
Knowledge
Database
(KDB):
http://apps.fcc.gov/oetcf/kdb/index.cfm
A.2
Canada
The BM62/64 stereo audio module has been certified
for use in Canada under Industry Canada (IC) Radio
Standards Procedure (RSP) RSP-100, Radio Stan-
dards Specification (RSS) RSS-Gen and RSS-247.
Modular approval permits the installation of a module in
a host device without the need to recertify the device.
A.2.1
LABELING AND USER
INFORMATION REQUIREMENTS
Labeling Requirements for the host device (from Sec-
tion 3.1, RSS-Gen, Issue 4, November 2014): The host
device shall be properly labeled to identify the module
within the host device.
The Industry Canada certification label of a module
shall be clearly visible at all times when installed in the
host device, otherwise the host device must be labeled
to display the Industry Canada certification number of
the module, preceded by the words “Contains transmit-
ter module”, or the word “Contains”, or similar wording
expressing the same meaning, as follows:
User Manual Notice for License-Exempt Radio Appara-
tus (from Section 8.4 RSS-Gen, Issue 4, November
2014): User manuals for license-exempt radio appara-
tus shall contain the following or equivalent notice in a
conspicuous location in the user manual or alterna-
tively on the device or both:
Transmitter Antenna (from Section 8.3 RSS-Gen, Issue
4, November 2014): User manuals for transmitters
shall display the following notice in a conspicuous loca-
tion:
The above notice may be affixed to the device instead
of displayed in the user manual.
A.2.2
RF EXPOSURE
All transmitters regulated by IC must comply with RF
exposure requirements listed in RSS-102 - Radio Fre-
quency (RF) Exposure Compliance of Radio communi-
cation Apparatus (All Frequency Bands).
A.2.3
HELPFUL WEB SITES
Industry Canada: http://www.ic.gc.ca/
Contains transmitter module IC:
This
device
complies
with
Industry
Canada
license-exempt RSS standard(s). Operation is sub-
ject to the following two conditions: (1) this device
may not cause interference, and (2) this device must
accept any interference, including interference that
may cause undesired operation of the device.
Le présent appareil est conforme aux CNR d'Indus-
trie Canada applicables aux appareils radio exempts
de licence. L'exploitation est autorisée aux deux con-
ditions suivantes: (1) l'appareil ne doit pas produire
de brouillage, et (2) l'utilisateur de l'appareil doit
accepter tout brouillage radioélectrique subi, même
si le brouillage est susceptible d'en compromettre le
fonctionnement.
Under Industry Canada regulations, this radio trans-
mitter may only operate using an antenna of a type
and maximum (or lesser) gain approved for the trans-
mitter by Industry Canada. To reduce potential radio
interference to other users, the antenna type and its
gain must be so chosen that the equivalent isotropi-
cally radiated power (e.i.r.p.) is not more than that
necessary for successful communication.
Conformément à la réglementation d'Industrie Can-
ada, le présent émetteur radio peut fonctionner avec
une antenne d'un type et d'un gain maximal (ou
inférieur) approuvé pour l'émetteur par Industrie Can-
ada. Dans le but de réduire les risques de brouillage
radioélectrique à l'intention des autres utilisateurs, il
faut choisir le type d'antenne et son gain de sorte que
la puissance isotrope rayonnée équivalente (p.i.r.e.)
ne dépasse pas l'intensité nécessaire à l'établisse-
ment d'une communication satisfaisante.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com