Electronic Components Datasheet Search
  English  ▼

X  

BM62 Datasheet(PDF) 40 Page - Microchip Technology

Part # BM62
Description  Bluetooth짰 4.2 Stereo Audio Module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM62 Datasheet(HTML) 40 Page - Microchip Technology

Back Button BM62 Datasheet HTML 36Page - Microchip Technology BM62 Datasheet HTML 37Page - Microchip Technology BM62 Datasheet HTML 38Page - Microchip Technology BM62 Datasheet HTML 39Page - Microchip Technology BM62 Datasheet HTML 40Page - Microchip Technology BM62 Datasheet HTML 41Page - Microchip Technology BM62 Datasheet HTML 42Page - Microchip Technology BM62 Datasheet HTML 43Page - Microchip Technology BM62 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 70 page
background image
BM62/64
DS60001403A - Page 40
 2016 Microchip Technology Inc.
FIGURE 6-2:
ANTENNA 3D RADIATION PATTERN AT 2441 MHZ
6.2
Module Placement Guidelines
For a Bluetooth product, the antenna placement
affects the performance of the whole system. The antenna
requires free space to radiate RF signals and it cannot be
surrounded by the ground plane. Microchip recommends
that the areas underneath the antenna on the host PCB
must not contain copper on top, inner, or bottom layer as
illustrated in Figure 6-1.
A low-impedance ground plane will ensure the best radio
performance (best range, lowest noise). The ground
plane can be extended beyond the minimum recommen-
dation, as required for the main PCB EMC noise reduc-
tion. For the best range performance, keep all external
metal at least 15 mm away from the on-board PCB trace
antenna.
Figure 6-3 and Figure 6-4 illustrate examples of good
and poor placement of the BM62/64 module on a host
board with GND plane.
TABLE 6-1:
BM62/64 ANTENNA
CHARACTERISTICS
Parameter
Values
Frequency
2400 MHz ~ 2480 MHz
Peak Gain
1.927 dBi
Efficiency
73.41%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com