Electronic Components Datasheet Search
  English  ▼

X  

BM62 Datasheet(PDF) 53 Page - Microchip Technology

Part # BM62
Description  Bluetooth짰 4.2 Stereo Audio Module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM62 Datasheet(HTML) 53 Page - Microchip Technology

Back Button BM62 Datasheet HTML 49Page - Microchip Technology BM62 Datasheet HTML 50Page - Microchip Technology BM62 Datasheet HTML 51Page - Microchip Technology BM62 Datasheet HTML 52Page - Microchip Technology BM62 Datasheet HTML 53Page - Microchip Technology BM62 Datasheet HTML 54Page - Microchip Technology BM62 Datasheet HTML 55Page - Microchip Technology BM62 Datasheet HTML 56Page - Microchip Technology BM62 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 70 page
background image
 2016 Microchip Technology Inc.
DS60001403A - Page 53
BM62/64
Figure 8-3 illustrates the audio interface timing diagram
and
Table 8-10 provides the audio interface timing
specifications.
FIGURE 8-3:
AUDIO INTERFACE TIMING DIAGRAM
Note:
Test Conditions: Slave Mode, fs = 48 kHz, 24-bit data and SLK0 period = 256 fs.
TABLE 8-10:
AUDIO INTERFACE TIMING SPECIFICATIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
SCLK0 duty ratio
dSCLK
—50
—
%
SCLK0 cycle time
tSCLKCY
50
—
—
ns
SCLK0 pulse width high
tSCLKCH
20
—
—
ns
SCLK0 pulse width low
tSCLKCL
20
—
—
ns
RFS0 set-up time to SCLK0 rising edge
tRFSSU
10
—
—
ns
RFS0 hold time from SCLK0 rising edge
tRFSH
10
—
—
ns
DR0 hold time from SCLK0 rising edge
tDH
10
—
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com