Electronic Components Datasheet Search
  English  ▼

X  

BM62 Datasheet(PDF) 51 Page - Microchip Technology

Part # BM62
Description  Bluetooth짰 4.2 Stereo Audio Module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM62 Datasheet(HTML) 51 Page - Microchip Technology

Back Button BM62 Datasheet HTML 47Page - Microchip Technology BM62 Datasheet HTML 48Page - Microchip Technology BM62 Datasheet HTML 49Page - Microchip Technology BM62 Datasheet HTML 50Page - Microchip Technology BM62 Datasheet HTML 51Page - Microchip Technology BM62 Datasheet HTML 52Page - Microchip Technology BM62 Datasheet HTML 53Page - Microchip Technology BM62 Datasheet HTML 54Page - Microchip Technology BM62 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 70 page
background image
 2016 Microchip Technology Inc.
DS60001403A - Page 51
BM62/64
Note 1:
Test condition: VCC_RF = 1.28V with temperature +25 ºC.
2:
These parameters are characterized but not tested in manufacturing.
Note 1:
The measurement data corresponds to Firmware v1.0.
2:
Mode definition: Stand-by mode: Power-on without Bluetooth link; Link mode: With Bluetooth link in
low-power mode.
3:
Current consumption values are considered with the BM62 validation board as test platform, BAT_IN =
3.8V. The distance between the smartphone and EVB is 30 cm, and the speaker is without loading.
.
TABLE 8-8:
RECEIVER SECTION FOR BDR AND EDR
Modulation
Min
Typical
Max
Bluetooth
specification
Unit
Sensitivity at 0.1% BER
GFSK
—
-89
—
≤-70
dBm
Sensitivity at 0.01% BER
π/4 DQPSK
—
-90
—
≤-70
dBm
8DPSK
—
-83
—
≤-70
dBm
TABLE 8-9:
SYSTEM CURRENT CONSUMPTION OF BM62
System Status
Typical(1)
Max
Unit
System-Off mode
—
10
μA
Stop advertising (Samsung S5 (SM-G900I)/Android 4.4.2)
Stand-by mode
0.57
—
mA
Link mode
0.5
—
mA
ESCO link
15.1
—
mA
A2DP link
14.3
—
mA
Stop advertising (iPhone 6/iOS 8.4)
Stand-by mode
0.6
—
mA
Link mode
0.6
—
mA
SCO link
15.3
—
mA
A2DP link
15.4
—
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com