Electronic Components Datasheet Search
  English  ▼

X  

BM62 Datasheet(PDF) 19 Page - Microchip Technology

Part # BM62
Description  Bluetooth짰 4.2 Stereo Audio Module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM62 Datasheet(HTML) 19 Page - Microchip Technology

Back Button BM62 Datasheet HTML 15Page - Microchip Technology BM62 Datasheet HTML 16Page - Microchip Technology BM62 Datasheet HTML 17Page - Microchip Technology BM62 Datasheet HTML 18Page - Microchip Technology BM62 Datasheet HTML 19Page - Microchip Technology BM62 Datasheet HTML 20Page - Microchip Technology BM62 Datasheet HTML 21Page - Microchip Technology BM62 Datasheet HTML 22Page - Microchip Technology BM62 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 70 page
background image
 2016 Microchip Technology Inc.
DS60001403A - Page 19
BM62/64
3.0
TRANSCEIVER
The BM62/64 module is designed and optimized for
Bluetooth 2.4 GHz system. It contains a complete radio
frequency transmitter/receiver section. An internal syn-
thesizer generates a stable clock for synchronizing with
another device.
3.1
Transmitter
The internal power amplifier (PA) has a maximum out-
put power of +4 dBm. This is applied for Class 2 or
Class 3 radios without an external RF PA.
The transmitter performs IQ conversion to minimize the
frequency drift.
3.2
Receiver
The low-noise amplifier (LNA) operates with TR-com-
bined mode for single port application. It can save a pin
on package without having an external Tx/Rx switch.
The ADC is used to sample the input analog signal and
convert it into digital signal for de-modulator analysis. A
channel filter has been integrated into receiver channel
before the ADC, which is used to reduce the external
component count and increase the anti-interference
capability. The image rejection filter is used to reject
image frequency for low-IF architecture. This filter for
low-IF architecture is intented to reduce external Band
Pass Filter (BPF) component for super heterodyne
architecture.
Received Signal Strength Indicator (RSSI) signal feed-
back to the processor is used to control the RF output
power to make a good trade-off for effective distance
and current consumption.
3.3
Synthesizer
A synthesizer generates a clock for radio transceiver
operation. There is a VCO inside, with a tunable inter-
nal LC tank that can reduce variation for components.
A crystal oscillator with internal digital trimming circuit
provides a stable clock for synthesizer.
3.4
Modem
For Bluetooth 1.2 specification and below, 1 Mbps was
the standard data rate based on Gaussian Frequency
Shift Keying (GFSK) modulation scheme. This basic
rate modem meets Basic Data Rate (BDR) require-
ments of Bluetooth 2.0 with Enhanced Data Rate
(EDR) specification.
For Bluetooth 2.0 and above specifications, EDR has
been introduced to provide data rates of 2 Mbps, 3
Mbps and 1 Mbps. For baseband, both BDR and EDR
utilize the same 1 MHz symbol rate and 1.6 kHz slot
rate. For BDR, symbol 1 represents 1-bit. However,
each symbol in the payload part of EDR packet rep-
resents 2/3 bits. This is achieved by using two different
modulations, π/4 DQPSK and 8 DPSK.
3.5
Adaptive Frequency Hopping
(AFH)
The BM62/64 module has AFH function to avoid RF
interference. It has an algorithm to check the nearby
interference and to choose clear channel for
transceiver Bluetooth signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com