Electronic Components Datasheet Search
  English  ▼

X  

BM62 Datasheet(PDF) 47 Page - Microchip Technology

Part # BM62
Description  Bluetooth짰 4.2 Stereo Audio Module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM62 Datasheet(HTML) 47 Page - Microchip Technology

Back Button BM62 Datasheet HTML 43Page - Microchip Technology BM62 Datasheet HTML 44Page - Microchip Technology BM62 Datasheet HTML 45Page - Microchip Technology BM62 Datasheet HTML 46Page - Microchip Technology BM62 Datasheet HTML 47Page - Microchip Technology BM62 Datasheet HTML 48Page - Microchip Technology BM62 Datasheet HTML 49Page - Microchip Technology BM62 Datasheet HTML 50Page - Microchip Technology BM62 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 70 page
background image
 2016 Microchip Technology Inc.
DS60001403A - Page 47
BM62/64
8.0
ELECTRICAL CHARACTERISTICS
This section provides an overview of the BM62/64 stereo audio module electrical characteristics. Additional
information will be provided in future revisions of this document as it becomes available.
Absolute maximum ratings for the BM62/64 devices are listed below. Exposure to these maximum rating conditions for
extended periods may affect device reliability. Functional operation of the device at these or any other conditions, above
the parameters indicated in the operation listings of this specification, is not implied.
8.1
Absolute Maximum Ratings
Ambient temperature under bias...............................................................................................................-20°C to +70°C
Voltage on VDD with respect to VSS ........................................................................................................ -0.3V to +3.6V
Maximum output current sink by any I/O pin..........................................................................................................12 mA
Maximum output current sourced by any I/O pin....................................................................................................12 mA
Note:
Stresses listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only. The functional operation of the device at those or any other conditions and those
indicated in the operation listings of this specification, is not implied. Exposure to maximum rating condi-
tions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com