Electronic Components Datasheet Search
  English  ▼

X  

STA400A Datasheet(PDF) 7 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 3Page - STMicroelectronics STA400A Datasheet HTML 4Page - STMicroelectronics STA400A Datasheet HTML 5Page - STMicroelectronics STA400A Datasheet HTML 6Page - STMicroelectronics STA400A Datasheet HTML 7Page - STMicroelectronics STA400A Datasheet HTML 8Page - STMicroelectronics STA400A Datasheet HTML 9Page - STMicroelectronics STA400A Datasheet HTML 10Page - STMicroelectronics STA400A Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 117 page
background image
7/117
STA400A
DC ELECTRICAL CHARACTERISTCS: (Tamb = -40 to +85°C, VDD = AVDD = 1.65 to 1.95V,
VDD3 = 3.0 to 3.6V unless otherwise specified).
Note 1: Performed on all the input pins excluded the pull-down ones
Note 2: Performed on the I/O pins in tristate mode
Note 3: Guaranteed by Design
Note 4: take into account 200mV voltage drop in supply lines and Input/Output levels for frequency > 20MHz.
Note 5. X is the source/sink current under worst case conditions (X = 2 to 4 mA)
Note 6: Human body Model
Note 7. Guaranteed by Ipd measurements
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
1.8V Supply Voltage
1.65
1.8
1.95
V
VDD3
3.3V Supply Voltage
3.0
3.3
3.6
V
AVDD
1.8V Analog Supply Voltage
1.65
1.8
1.95
V
IDD
VDD Power Supply Current
MCLK = 23.92MHz; sat1, sat2
& terr arms active;
VDD=1.95V
130
160
mA
IDD3
VDD3 Power Supply Current
MCLK = 23.92MHz; sat1, sat2
& terr arms active; VDD3=3.6V
45
90
mA
IAVDDsat
AVDdsat Power Supply Current
MCLK = 23.92MHz;
VIN=0.75Vpp; fIN=6.095MHz;
AVDdsat=1.95V
16
20
mA
IAVDDterr
AVDdterr Power Supply Current
MCLK = 23.92MHz;
VIN=0.75Vpp; fIN=2.99MHz;
AVDdterr =1.95V
16
20
mA
Pd
Power Dissipation
MCLK = 23.92MHz;
VDD = 1.8V; VDD3 = 3.3V
350
mW
Iil
Low level input leakage current 1)
Vi = 0V
1
µA
Iih
High level input leakage current 1)
Vi = VDD3
1
µA
IOZ
Tristare output leakage current 2)
Vo = 0V or VDD3
1
µA
Ipd
Pull-down current
Vi = VDD3
30
110
µA
Rpu
Equivalent pull-up resistance 7)
Vi = 0V
50
K
Rpd
Equivalent pull-down resistance 7)
Vi = VDD3
50
k
Vil
Low level input voltage
0.8
V
Vih
High level input voltage
2
V
Vilhyst
Low level threshold input falling
0.8
1.35
V
Vihhyst
High level threshold input rising
1.3
2
V
Vhyst
Schmitt trigger hysteresis3)
0.3
0.8
V
Vol
Low level output voltage 4,5)
Iol = XmA
0.2
V
Voh
High level output voltage 4,5)
Ioh = XmA
2.8
V
Cin
Input capacitance 3)
1.2
pF
Cout
Output Capacitance 3)
1.9
pF
Cio
I/O (bi-directional) capacitance 3)
2.1
pF
Ilatchup
I/O Latch-up current
200
mA
VESD
Electrostatic Protection 6)
Leakage<1
µA
4000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com