Electronic Components Datasheet Search
  English  ▼

X  

STA400A Datasheet(PDF) 75 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 75 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 71Page - STMicroelectronics STA400A Datasheet HTML 72Page - STMicroelectronics STA400A Datasheet HTML 73Page - STMicroelectronics STA400A Datasheet HTML 74Page - STMicroelectronics STA400A Datasheet HTML 75Page - STMicroelectronics STA400A Datasheet HTML 76Page - STMicroelectronics STA400A Datasheet HTML 77Page - STMicroelectronics STA400A Datasheet HTML 78Page - STMicroelectronics STA400A Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 117 page
background image
75/117
STA400A
SwfgStatus_S - Satellite Weighting Factor Generation Status
b1:
swfg2_status
Sat2 weighting factor generation status
0=idle1=operational
b0:
swfg1_status
Sat1 weighting factor generation status
0=idle1=operational
Prc_En - TDM PRC Interface Block Enable
b2-b1:
prc source
00= Satellite1
10= Terrestrial
01= Satellite2
11= RFU
b0:
block_en
0= Disabled
1= Enabled
Prc_Num - PRC Number
This register sets the PRC number in the range from 1 to 258.
DescDataEn - Signal Selection for Multiplexer After Descrambler
Select signals for multiplexer after tdm descrambling (0: original data; 1: register contents)
b4:
swfg2_data_out_en
b3:
swfg1_data_out_en
b2:
sat2_data_out_en
b1:
sat1_data_out_en
b0:
terr_data_out_en
Type:
SingleByte - R
Word Length:
2
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
SwfgStatus_S
0241
1-0
--
Type:
SingleByte - R/W
Word Length:
3
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
Prc_En
0250
2-0
00
Type:
MultiByte2 - R/W
Word Length:
9
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
Prc_Num2
0252
8
00
Prc_Num1
0251
7-0
00
Type:
SingleByte - R/W
Word Length:
5
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
DescDataEn
0260
4-0
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com