Electronic Components Datasheet Search
  English  ▼

X  

STA400A Datasheet(PDF) 16 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 12Page - STMicroelectronics STA400A Datasheet HTML 13Page - STMicroelectronics STA400A Datasheet HTML 14Page - STMicroelectronics STA400A Datasheet HTML 15Page - STMicroelectronics STA400A Datasheet HTML 16Page - STMicroelectronics STA400A Datasheet HTML 17Page - STMicroelectronics STA400A Datasheet HTML 18Page - STMicroelectronics STA400A Datasheet HTML 19Page - STMicroelectronics STA400A Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 117 page
background image
STA400A
16/117
Figure 9. RRC Filter Passband Ripple
Carrier Phase/Frequency Error Detector
The carrier Phase/Frequency Error Detector (PFD) measures the error between the sampled symbols and the
quadrant bisector. The error is calculated by the following formula : PHerr = I x Sgn(Q) - Q x Sgn(I), where Sgn(.)
is the sign function.
This value is computed at symbol rate if the actual I and Q components are greater than a programmed thresh-
old otherwise the previous value is maintained. In this way the detector outputs a DC value proportional to the
frequency offset between the incoming signal and the local oscillator. In the steady state, when the carrier loop
is locked (and, therefore, the phase error is small), the circuit behaves like a pure phase detector while during
the acquisition phase it behaves like a PFD.
The threshold value may be programmed by the PFDTHR register. The signal level after the AGC2 loop must
be taken into account when setting the threshold. The default preset for this parameter is about the 20% of the
AGC2 reference value (see AGC2REF register).
The carrier Phase and Frequency Detector Gain (Kd) characteristic as a function of the Carrier to Noise ratio is
given in fig.10. Kd = 1.24 is the value for a noise free input signal and may be reduce up to 50% of its maximum
value in a low C/N condition.
Figure 10. Carrier Phase/Frequency Detector Gain
0
100
200
300
400
500
600
700
800
900
1000
1
0.5
0
0.5
Frequency (kHz)
0
2
4
6
8
10
12
14
16
18
20
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
C/N (dB)
PFD Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com