Electronic Components Datasheet Search
  English  ▼

X  

STA400A Datasheet(PDF) 77 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 77 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 73Page - STMicroelectronics STA400A Datasheet HTML 74Page - STMicroelectronics STA400A Datasheet HTML 75Page - STMicroelectronics STA400A Datasheet HTML 76Page - STMicroelectronics STA400A Datasheet HTML 77Page - STMicroelectronics STA400A Datasheet HTML 78Page - STMicroelectronics STA400A Datasheet HTML 79Page - STMicroelectronics STA400A Datasheet HTML 80Page - STMicroelectronics STA400A Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 117 page
background image
77/117
STA400A
DescData_S2wfg - Sat2 Weighting Test Data
TpmEnable_S - Satellite TDM Preamble Monitor Enable
b1:
tpm2_en
enable sub-block satellite two TDM preamble monitor
b0:
tpm1_en
enable sub-block satellite one TDM preamble monitor
TpmDataFormat_S1 - Sat1 TDM Preamble Monitor Input Data Format
Control swap of I- and Q-component and data inversion for input data. If one bit is set to '1' it's corresponding
functionality is invoked.
b1:
tpm_invert_data_in
b0:
tpm_iq_swap_data_in
TpmMfpThr_S1 - Sat1 TDM Preamble Monitor MFP Detection Threshold
Threshold of the MFP correlation determining MFP detection if reached or exceeded.
TpmFspThr_S1 - Sat1 TDM Preamble Monitor FSP Detection Threshold
Threshold of the FSP correlation determining FSP detection if reached or exceeded.
TpmDataFormat_S2 - Sat2 TDM Preamble Monitor Input Data Format
Control swap of I- and Q-component and data inversion for input data. If one bit is set to '1' it's corresponding
Type:
SingleByte - R/W
Word Length:
4
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
DescData_S2wfg
0268
3-0
00
Type:
SingleByte - R/W
Word Length:
2
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
TpmEnable_S
0280
1-0
00
Type:
SingleByte - R/W
Word Length:
2
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
TpmDataFormat_S1
0281
1-0
00
Type:
SingleByte - R/W
Word Length:
7
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
TpmMfpThr_S1
0282
6-0
28
Type:
SingleByte - R/W
Word Length:
6
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
TpmFspThr_S1
0283
5-0
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com