Electronic Components Datasheet Search
  English  ▼

X  

STA400A Datasheet(PDF) 74 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 74 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 70Page - STMicroelectronics STA400A Datasheet HTML 71Page - STMicroelectronics STA400A Datasheet HTML 72Page - STMicroelectronics STA400A Datasheet HTML 73Page - STMicroelectronics STA400A Datasheet HTML 74Page - STMicroelectronics STA400A Datasheet HTML 75Page - STMicroelectronics STA400A Datasheet HTML 76Page - STMicroelectronics STA400A Datasheet HTML 77Page - STMicroelectronics STA400A Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 117 page
background image
STA400A
74/117
TdmPhase_T - Terrestrial TDM Decoding Phase
b1-b0 : 00= 0°
10= 90°
1= 270°
11= 180°
TdmSyncCtrl_T - Terrestrial TDM Decoding Synchronization Control
b0 :
fsm_fallback_en
SwfgEnable_S - Satellite Weighting Factor Generation Block Enable
b7:
swfg2_fsp_invalid_en
enable satellite two weighting factor generation FSP invalid
evalutation.Weights are forced to '0' if this bit is set to '1' and the TDM
decode block detects an invalid FSP.
b6:
swfg2_cycle_slip_en
enable satellite two weighting factor generation cycle slip evalutation.
Weights are forced to '0' if this bit is set to '1' and the TDM decode block
detects a cycle slip.
b5:
swfg2_fifo_en
enable sub-block satellite two weighting factor FIFO
b4:
swfg2_comp_en
enable sub-block satellite two weighting factor calculation
b3:
swfg1_fsp_invalid_en
enable satellite one weighting factor generation FSP invalid
evalutation.Weights are forced to '0' if this bit is set to '1' and the TDM
decode block detects an invalid FSP.
b2:
swfg1_cycle_slip_en
enable satellite one weighting factor generation cycle slip evalutation.
Weights are forced to '0' if this bit is set to '1' and the TDM decode block
detects a cycle slip.
b1:
swfg1_fifo_en
enable sub-block satellite one weighting factor FIFO
b0:
swfg1_comp_en
enable sub-block satellite one weighting factor calculation
Type:
SingleByte - R
Word Length:
2
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
TdmPhase_T
023C
1-0
--
Type:
SingleByte - R/W
Word Length:
1
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
TdmSyncCtrl_T
023F
0
01
Type:
SingleByte - R/W
Word Length:
7
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
Swfg_Enable_S
0240
7-0
FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com