Electronic Components Datasheet Search
  English  ▼

X  

STA400A Datasheet(PDF) 61 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 57Page - STMicroelectronics STA400A Datasheet HTML 58Page - STMicroelectronics STA400A Datasheet HTML 59Page - STMicroelectronics STA400A Datasheet HTML 60Page - STMicroelectronics STA400A Datasheet HTML 61Page - STMicroelectronics STA400A Datasheet HTML 62Page - STMicroelectronics STA400A Datasheet HTML 63Page - STMicroelectronics STA400A Datasheet HTML 64Page - STMicroelectronics STA400A Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 117 page
background image
61/117
STA400A
MctlInit_M
- MCM Demodulator Control Initialization Trigger
Setting this register to 1 will trigger an intialization of MCM Control when not already in state IDLE (then no action
would occur). This action also triggers an initialization of MCM Frame Sync and MCM Coarse Frequency.
TdmCntTh_M
- Number of TDM Frames in Lock
The register value corresponds to the number of subsequent TDM frames which have to be in lock before state
NO_UPDATE is entered.
MctlState_M
- MCM Demodulator Control Status
This register displays the internal state of MCM Control.
b1-b0:
00 -> Status=IDLE
01 -> Status=FS_LOCK
10 -> Status=TDM_LOCK
11 -> Status=NO_UPDATE
MeanAbs_M
- MCM Demodulator Output Symbols Mean
The register provides the mean of the amplitude of real and imaginary part of the MCM output symbols. The
value range is from 0 to 255 =0xFF. The absolute value is in multiples of 1/256.
ClipRate_M
- MCM Demodulator Output Clip Rate
The register provides the clipping rate of the MCM output. The value range is from 0 to 0xFF (255). The clipping
rate is in multiples of 1/256, i.e. 0xFF corresponds to full clipping, 0x80 to 50% clipping rate.
Type:
SingleByte - R/W
Word Length:
1
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
MctlInit_M
0182
0
00
Type:
SingleByte - R/W
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
TdmCntTh_M
0183
7-0
18
Type:
SingleByte - R
Word Length:
2
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
MctlState_M
0184
1-0
--
Type:
SingleByte - R
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
MeanAbs_M
0190
7-0
--
Type:
SingleByte - R
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
ClipRate_M
0191
7-0
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com