Electronic Components Datasheet Search
  English  ▼

X  

STA400A Datasheet(PDF) 87 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 87 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 83Page - STMicroelectronics STA400A Datasheet HTML 84Page - STMicroelectronics STA400A Datasheet HTML 85Page - STMicroelectronics STA400A Datasheet HTML 86Page - STMicroelectronics STA400A Datasheet HTML 87Page - STMicroelectronics STA400A Datasheet HTML 88Page - STMicroelectronics STA400A Datasheet HTML 89Page - STMicroelectronics STA400A Datasheet HTML 90Page - STMicroelectronics STA400A Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 117 page
background image
87/117
STA400A
signal sat1_ber_done which is comprised in the interrupt vector (addr. 0x0350)
Sat2Ber_F
- Satellite 2 Channel Bit Error Rate
The Sat2 channel error rate states the number of channel symbol errors which where determined within one
PRC packet by reencoding of the Viterbi-decoded Sat2 data stream. A new measurement is indicated by the
signal sat2_ber_done which is comprised in the interrupt vector (addr. 0x0350)
ForceCorr_F
- FEC Control Register
This Register is used to force the correction value for PRC preamble (System value 0x1D) at RS input
RS_Ctrl_F
- RS Decoder Configuration
b3-b2 :
RS Error count conf
‘00’= Count 16 RS Blocks (8 PRCs);
‘01’= Count 64 RS Blocks (32 PRCs);
‘10’= Count 256 RS Blocks (128 PRCs);
‘11’= Count 1024 RS Blocks (512 PRCs).
b1 :
terr_csat_comb
‘1’= Enable Terrestrial-Satellite Combining
‘0’= Disable Terrestrial-Satellite Combining
b0 :
force_corr_en
‘1’= enable forced correction of PRC preamble;
‘0’= disable forced correction of PRC preamble
RS_Cnt_F
- RS Decoder Error Count Control
This register controls the RS Error Counter. After reset the counter is disabled. To start BER measurement a
value must be written in this register. When written, this register generates a one clock cycle trigger signal for
Type:
MultiBytes - R
Word Length:
12
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
Sat1Ber2_F
0325
11-8
--
Sat1Ber1_F
0324
7-0
--
Type:
MultiBytes - R
Word Length:
12
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
Sat2Ber2_F
0329
11-8
--
Sat2Ber1_F
0328
7-0
--
Type:
SingleByte - R/W
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
ForceCorr_F
0330
7-0
1D
Type:
SingleByte - R/W
Word Length:
4
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
RS_Ctrl_F
0331
3-0
03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com