Electronic Components Datasheet Search
  English  ▼

X  

STA400A Datasheet(PDF) 9 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 5Page - STMicroelectronics STA400A Datasheet HTML 6Page - STMicroelectronics STA400A Datasheet HTML 7Page - STMicroelectronics STA400A Datasheet HTML 8Page - STMicroelectronics STA400A Datasheet HTML 9Page - STMicroelectronics STA400A Datasheet HTML 10Page - STMicroelectronics STA400A Datasheet HTML 11Page - STMicroelectronics STA400A Datasheet HTML 12Page - STMicroelectronics STA400A Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 117 page
background image
9/117
STA400A
OSCILLATOR BUFFER ELECTRICAL CHARACTERISTICS
The Oscillator Pad Buffer is a single stage oscillator with an inverter working as an amplifier biased by an internal
resistor (>1 MOhm). With an external PI network consisting of a crystal and two capacitors it works as oscillator,
without the external crystal component it acts as input trigger.
Pin XTI (analog pad buffer) is the input for the external clock source or for the quartz component, XTO is the
oscillator buffer output pin to be connected to the external quartz.
Oscillator Mode Specification (Guaranteed by Design)
Condition: 27 MHz oscillation - PI quartz network connected to XTI and XTO (CA = CB = 16pF).
Input Trigger Mode Specification (no crystal connected) (Guaranteed by Design)
Condition: 27 MHz sine wave (0.5V amplitude, VDD/2 offset) applied to XTI.
The external analog signal to be applied to the XTI input must be a sinusoid or a impulse wave centered at Vdd/
with 1V peak-to-peak amplitude.
Minimum Oscillator Transconductance (Guaranteed by Design)
The oscillator pad buffer can work with different crystal frequencies. To check if a given quartz can be used with
this oscillator, the needed amplifier transconductance must be evaluated by the following formula:
if
the equation simplifies to:
where Rm is the quartz equivalent series resistance, CA and CB the PI network capacitances and CO the quartz
shunt capacitance.
The transconductance of the oscillator pad given in the table above must be 8/9 times the transconductance
calculated with the formula.
Symbol
Parameter
Min
Typ
Max
Unit
Ci
Current Consumption
450
µA
Cp
Power Consumption
810
µW
DC
Duty Cycle
49.07
49.60
49.86
%
tstart-up
Start-up Time
3
ms
Symbol
Parameters
VL
VH
Hysteresis
Unit
Hys
Hysteresis
0.631
1.123
0.492
V
Symbol
Parameters
Min
Typ
Max
Unit
Ci
Current Consumption
133
µA
Cp
Power Consumption
240
µW
DC
Duty Cycle
49.45
%
Symbol
Patrameters
Min
Typ
Max
Unit
gmcrit
1236
µA/V
gm
cr i t
R
m
ω
2
C
A
C
B
C
A
C
O
C
B
C
O
⋅
+
⋅
+
⋅
()
2
C
A
C
B
⋅
---------------------------------------------------------------------------------
⋅⋅
=
C
A
C
B
C
==
gm
cr i t
R
m
ω
2
C2 C
O
+
()
2
⋅⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com