Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS3137 Datasheet(PDF) 138 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3137
Description  TMS570LS3137 16- and 32-Bit RISC Flash Microcontroller
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS3137 Datasheet(HTML) 138 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 134Page - Texas Instruments TMS570LS3137 Datasheet HTML 135Page - Texas Instruments TMS570LS3137 Datasheet HTML 136Page - Texas Instruments TMS570LS3137 Datasheet HTML 137Page - Texas Instruments TMS570LS3137 Datasheet HTML 138Page - Texas Instruments TMS570LS3137 Datasheet HTML 139Page - Texas Instruments TMS570LS3137 Datasheet HTML 140Page - Texas Instruments TMS570LS3137 Datasheet HTML 141Page - Texas Instruments TMS570LS3137 Datasheet HTML 142Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 173 page
background image
TMS570LS3137
SPNS162C – APRIL 2012 – REVISED APRIL 2015
www.ti.com
7.9
Inter-Integrated Circuit (I2C)
The inter-integrated circuit (I2C) module is a multimaster communication module providing an interface
between the TMS570 microcontroller and devices compliant with Philips Semiconductor I2C-bus
specification version 2.1 and connected by an I2C-bus™. This module will support any slave or master I2C
compatible device.
7.9.1
Features
The I2C has the following features:
•
Compliance to the Philips I2C-bus specification, v2.1 (The I2C Specification, Philips document number
9398 393 40011)
–
Bit/Byte format transfer
–
7-bit and 10-bit device addressing modes
–
General call
–
START byte
–
Multimaster transmitter/ slave receiver mode
–
Multimaster receiver/ slave transmitter mode
–
Combined master transmit/receive and receive/transmit mode
–
Transfer rates of 10 kbps up to 400 kbps (Phillips fast-mode rate)
•
Free data format
•
Two DMA events (transmit and receive)
•
DMA event enable/disable capability
•
Seven interrupts that can be used by the CPU
•
Module enable/disable capability
•
The SDA and SCL are optionally configurable as general-purpose I/O
•
Slew rate control of the outputs
•
Open-drain control of the outputs
•
Programmable pullup/pulldown capability on the inputs
•
Supports Ignore NACK mode
NOTE
This I2C module does not support:
•
High-speed (HS) mode
•
C-bus compatibility mode
•
The combined format in 10-bit address mode (the I2C module sends the slave address
second byte every time it sends the slave address first byte)
138
Peripheral Information and Electrical Specifications
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com