Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS3137 Datasheet(PDF) 135 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3137
Description  TMS570LS3137 16- and 32-Bit RISC Flash Microcontroller
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS3137 Datasheet(HTML) 135 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 131Page - Texas Instruments TMS570LS3137 Datasheet HTML 132Page - Texas Instruments TMS570LS3137 Datasheet HTML 133Page - Texas Instruments TMS570LS3137 Datasheet HTML 134Page - Texas Instruments TMS570LS3137 Datasheet HTML 135Page - Texas Instruments TMS570LS3137 Datasheet HTML 136Page - Texas Instruments TMS570LS3137 Datasheet HTML 137Page - Texas Instruments TMS570LS3137 Datasheet HTML 138Page - Texas Instruments TMS570LS3137 Datasheet HTML 139Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 173 page
background image
TMS570LS3137
www.ti.com
SPNS162C – APRIL 2012 – REVISED APRIL 2015
7.6
Controller Area Network (DCAN)
The DCAN supports the CAN 2.0B protocol standard and uses a serial, multimaster communication
protocol that efficiently supports distributed real-time control with robust communication rates of up to 1
Mbps. The DCAN is ideal for applications operating in noisy and harsh environments (for example,
automotive and industrial fields) that require reliable serial communication or multiplexed wiring.
7.6.1
Features
Features of the DCAN module include:
•
Supports CAN protocol version 2.0 part A, B
•
Bit rates up to 1 Mbps
•
The CAN kernel can be clocked by the oscillator for baud-rate generation.
•
64 mailboxes on each DCAN
•
Individual identifier mask for each message object
•
Programmable FIFO mode for message objects
•
Programmable loop-back modes for self-test operation
•
Automatic bus on after Bus-Off state by a programmable 32-bit timer
•
Message RAM protected by parity
•
Direct access to Message RAM during test mode
•
CAN Rx / Tx pins configurable as general purpose IO pins
•
Message RAM Auto Initialization
•
DMA support
For more information on the DCAN, see the TMS570LS31x/21x 16/32-Bit RISC Flash Microcontroller
Technical Reference Manual (SPNU499).
7.6.2
Electrical and Timing Specifications
Table 7-18. Dynamic Characteristics for the DCANx TX and RX Pins
PARAMETER
MIN
MAX
UNIT
td(CANnTX)
Delay time, transmit shift register to CANnTX pin(1)
15
ns
td(CANnRX)
Delay time, CANnRX pin to receive shift register
5
ns
(1)
These values do not include rise/fall times of the output buffer.
Copyright © 2012–2015, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
135
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com