Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS3137 Datasheet(PDF) 133 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3137
Description  TMS570LS3137 16- and 32-Bit RISC Flash Microcontroller
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS3137 Datasheet(HTML) 133 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 129Page - Texas Instruments TMS570LS3137 Datasheet HTML 130Page - Texas Instruments TMS570LS3137 Datasheet HTML 131Page - Texas Instruments TMS570LS3137 Datasheet HTML 132Page - Texas Instruments TMS570LS3137 Datasheet HTML 133Page - Texas Instruments TMS570LS3137 Datasheet HTML 134Page - Texas Instruments TMS570LS3137 Datasheet HTML 135Page - Texas Instruments TMS570LS3137 Datasheet HTML 136Page - Texas Instruments TMS570LS3137 Datasheet HTML 137Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 173 page
background image
VCCIO
0.6*VCCIO
0.4*VCCIO
0
Input
tpw
0.6*VCCIO
0.4*VCCIO
TMS570LS3137
www.ti.com
SPNS162C – APRIL 2012 – REVISED APRIL 2015
7.5
FlexRay Interface
The FlexRay module performs communication according to the FlexRay protocol specification v2.1. The
sample clock bit rate can be programmed to values up to 10 Mbps. Additional bus driver (BD) hardware is
required for connection to the physical layer.
For communication on a FlexRay network, individual message buffers with up to 254 data bytes are
configurable. The message storage consists of a single-ported message RAM that holds up to 128
message buffers. All functions concerning the handling of messages are implemented in the message
handler. Those functions are the acceptance filtering, the transfer of messages between the two FlexRay
Channel Protocol Controllers and the message RAM, maintaining the transmission schedule, as well as
providing message status information.
The register set of the FlexRay module can be accessed directly by the CPU through the VBUS interface.
These registers are used to control, configure, and monitor the FlexRay channel protocol controllers,
message handler, global time unit, system universal control, frame/symbol processing, network
management, interrupt control, and to access the message RAM through the I/O buffer.
7.5.1
Features
The FlexRay module has the following features:
•
Conformance with FlexRay protocol specification v2.1
•
Data rates of up to 10 Mbps on each channel
•
Up to 128 message buffers
•
8KB of message RAM for storage (for example, 128 message buffers with maximum of 48-byte data
section or up to 30 message buffers with 254-byte data section)
•
Configuration of message buffers with different payload lengths
•
One configurable receive FIFO
•
Each message buffer can be configured as receive buffer, as transmit buffer or as part of the receive
FIFO.
•
CPU access to message buffers through input and output buffer
•
FlexRay Transfer Unit (FTU) for automatic data transfer between data memory and message buffers
without CPU interaction
•
Filtering for slot counter, cycle counter, and channel ID
•
Maskable module interrupts
•
Supports Network Management
7.5.2
Electrical and Timing Specifications
Table 7-16. Timing Requirements for FlexRay Inputs
MIN
MAX
UNIT
Input minimum pulse width to meet the FlexRay sampling
tpw
tc(AVCLK2) + 2.5
(1)
ns
requirement
(1)
tRxAsymDelay parameter
Figure 7-8. FlexRay Inputs
Copyright © 2012–2015, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
133
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com