Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS3137 Datasheet(PDF) 145 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3137
Description  TMS570LS3137 16- and 32-Bit RISC Flash Microcontroller
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS3137 Datasheet(HTML) 145 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 141Page - Texas Instruments TMS570LS3137 Datasheet HTML 142Page - Texas Instruments TMS570LS3137 Datasheet HTML 143Page - Texas Instruments TMS570LS3137 Datasheet HTML 144Page - Texas Instruments TMS570LS3137 Datasheet HTML 145Page - Texas Instruments TMS570LS3137 Datasheet HTML 146Page - Texas Instruments TMS570LS3137 Datasheet HTML 147Page - Texas Instruments TMS570LS3137 Datasheet HTML 148Page - Texas Instruments TMS570LS3137 Datasheet HTML 149Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 173 page
background image
TMS570LS3137
www.ti.com
SPNS162C – APRIL 2012 – REVISED APRIL 2015
7.10.4 MibSPI/SPI Master Mode I/O Timing Specifications
Table 7-24. SPI Master Mode External Timing Parameters (CLOCK PHASE = 0, SPICLK = output, SPISIMO
= output, and SPISOMI = input)(1)(2)(3)
NO.
PARAMETER
MIN
MAX
UNIT
1
tc(SPC)M
Cycle time, SPICLK(4)
40
256tc(VCLK)
ns
Pulse duration, SPICLK high (clock
tw(SPCH)M
0.5tc(SPC)M – tr(SPC)M – 3
0.5tc(SPC)M + 3
polarity = 0)
2(5)
ns
Pulse duration, SPICLK low (clock
tw(SPCL)M
0.5tc(SPC)M – tf(SPC)M – 3
0.5tc(SPC)M + 3
polarity = 1)
Pulse duration, SPICLK low (clock
tw(SPCL)M
0.5tc(SPC)M – tf(SPC)M – 3
0.5tc(SPC)M + 3
polarity = 0)
3(5)
ns
Pulse duration, SPICLK high (clock
tw(SPCH)M
0.5tc(SPC)M – tr(SPC)M – 3
0.5tc(SPC)M + 3
polarity = 1)
Delay time, SPISIMO valid before
td(SPCH-SIMO)M
0.5tc(SPC)M – 6
SPICLK low (clock polarity = 0)
4(5)
ns
Delay time, SPISIMO valid before
td(SPCL-SIMO)M
0.5tc(SPC)M – 6
SPICLK high (clock polarity = 1)
Valid time, SPISIMO data valid after
tv(SPCL-SIMO)M
0.5tc(SPC)M – tf(SPC) – 4
SPICLK low (clock polarity = 0)
5(5)
ns
Valid time, SPISIMO data valid after
tv(SPCH-SIMO)M
0.5tc(SPC)M – tr(SPC) – 4
SPICLK high (clock polarity = 1)
Setup time, SPISOMI before SPICLK
tsu(SOMI-SPCL)M
tf(SPC) + 2.2
low (clock polarity = 0)
6(5)
ns
Setup time, SPISOMI before SPICLK
tsu(SOMI-SPCH)M
tr(SPC) + 2.2
high (clock polarity = 1)
Hold time, SPISOMI data valid after
th(SPCL-SOMI)M
10
SPICLK low (clock polarity = 0)
7(5)
ns
Hold time, SPISOMI data valid after
th(SPCH-SOMI)M
10
SPICLK high (clock polarity = 1)
C2TDELAY*tc(VCLK) + 2*tc(VCLK)
(C2TDELAY+2) * tc(VCLK) -
CSHOLD = 0
Setup time CS active
- tf(SPICS) + tr(SPC) – 7
tf(SPICS) + tr(SPC) + 5.5
until SPICLK high
C2TDELAY*tc(VCLK) + 3*tc(VCLK)
(C2TDELAY+3) * tc(VCLK) -
(clock polarity = 0)
CSHOLD = 1
- tf(SPICS) + tr(SPC) – 7
tf(SPICS) + tr(SPC) + 5.5
8(6)
tC2TDELAY
ns
C2TDELAY*tc(VCLK) + 2*tc(VCLK)
(C2TDELAY+2) * tc(VCLK) -
CSHOLD = 0
Setup time CS active
- tf(SPICS) + tf(SPC) – 7
tf(SPICS) + tf(SPC) + 5.5
until SPICLK low
C2TDELAY*tc(VCLK) + 3*tc(VCLK)
(C2TDELAY+3) * tc(VCLK) -
(clock polarity = 1)
CSHOLD = 1
- tf(SPICS) + tf(SPC) – 7
tf(SPICS) + tf(SPC) + 5.5
0.5*tc(SPC)M +
0.5*tc(SPC)M +
Hold time SPICLK low until CS inactive
T2CDELAY*tc(VCLK) + tc(VCLK) -
T2CDELAY*tc(VCLK) + tc(VCLK) -
(clock polarity = 0)
tf(SPC) + tr(SPICS) - 7
tf(SPC) + tr(SPICS) + 11
9(6)
tT2CDELAY
ns
0.5*tc(SPC)M +
0.5*tc(SPC)M +
Hold time SPICLK high until CS
T2CDELAY*tc(VCLK) + tc(VCLK) -
T2CDELAY*tc(VCLK) + tc(VCLK) -
inactive (clock polarity = 1)
tr(SPC) + tr(SPICS) - 7
tr(SPC) + tr(SPICS) + 11
(C2TDELAY+1) * tc(VCLK) -
ns
10
tSPIENA
SPIENAn Sample point
(C2TDELAY+1)*tc(VCLK)
tf(SPICS) – 29
SPIENAn Sample point from write to
ns
11
tSPIENAW
(C2TDELAY+2)*tc(VCLK)
buffer
(1)
The MASTER bit (SPIGCR1.0) is set and the CLOCK PHASE bit (SPIFMTx.16) is cleared.
(2)
tc(VCLK) = interface clock cycle time = 1 / f(VCLK)
(3)
For rise and fall timings, see Table 5-7.
(4)
When the SPI is in Master mode, the following must be true:
For PS values from 1 to 255: tc(SPC)M ≥ (PS +1)tc(VCLK) ≥ 40ns, where PS is the prescale value set in the SPIFMTx.[15:8] register bits.
For PS values of 0: tc(SPC)M = 2tc(VCLK) ≥ 40ns.
The external load on the SPICLK pin must be less than 60pF.
(5)
The active edge of the SPICLK signal referenced is controlled by the CLOCK POLARITY bit (SPIFMTx.17).
(6)
C2TDELAY and T2CDELAY is programmed in the SPIDELAY register
Copyright © 2012–2015, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
145
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com