Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS3137 Datasheet(PDF) 149 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3137
Description  TMS570LS3137 16- and 32-Bit RISC Flash Microcontroller
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS3137 Datasheet(HTML) 149 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 145Page - Texas Instruments TMS570LS3137 Datasheet HTML 146Page - Texas Instruments TMS570LS3137 Datasheet HTML 147Page - Texas Instruments TMS570LS3137 Datasheet HTML 148Page - Texas Instruments TMS570LS3137 Datasheet HTML 149Page - Texas Instruments TMS570LS3137 Datasheet HTML 150Page - Texas Instruments TMS570LS3137 Datasheet HTML 151Page - Texas Instruments TMS570LS3137 Datasheet HTML 152Page - Texas Instruments TMS570LS3137 Datasheet HTML 153Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 173 page
background image
TMS570LS3137
www.ti.com
SPNS162C – APRIL 2012 – REVISED APRIL 2015
7.10.5 SPI Slave Mode I/O Timings
Table 7-26. SPI Slave Mode External Timing Parameters (CLOCK PHASE = 0, SPICLK = input, SPISIMO =
input, and SPISOMI = output)(1)(2)(3)(4)
NO.
PARAMETER
MIN
MAX
UNIT
1
tc(SPC)S
Cycle time, SPICLK(5)
40
ns
2(6)
tw(SPCH)S
Pulse duration, SPICLK high (clock polarity = 0)
14
ns
tw(SPCL)S
Pulse duration, SPICLK low (clock polarity = 1)
14
3(6)
tw(SPCL)S
Pulse duration, SPICLK low (clock polarity = 0)
14
ns
tw(SPCH)S
Pulse duration, SPICLK high (clock polarity = 1)
14
4(6)
Delay time, SPISOMI valid after SPICLK high (clock
td(SPCH-SOMI)S
trf(SOMI) + 20
polarity = 0)
ns
Delay time, SPISOMI valid after SPICLK low (clock polarity
td(SPCL-SOMI)S
trf(SOMI) + 20
= 1)
5(6)
Hold time, SPISOMI data valid after SPICLK high (clock
th(SPCH-SOMI)S
2
polarity =0)
ns
Hold time, SPISOMI data valid after SPICLK low (clock
th(SPCL-SOMI)S
2
polarity =1)
6(6)
Setup time, SPISIMO before SPICLK low (clock polarity =
tsu(SIMO-SPCL)S
4
0)
ns
Setup time, SPISIMO before SPICLK high (clock polarity =
tsu(SIMO-SPCH)S
4
1)
Hold time, SPISIMO data valid after SPICLK low (clock
th(SPCL-SIMO)S
2
polarity = 0)
7(6)
ns
Hold time, SPISIMO data valid after S PICLK high (clock
th(SPCH-SIMO)S
2
polarity = 1)
Delay time, SPIENAn high after last SPICLK low (clock
2.5tc(VCLK)+tr(ENAn)+
td(SPCL-SENAH)S
1.5tc(VCLK)
polarity = 0)
22
8
ns
Delay time, SPIENAn high after last SPICLK high (clock
2.5tc(VCLK)+ tr(ENAn) +
td(SPCH-SENAH)S
1.5tc(VCLK)
polarity = 1)
22
Delay time, SPIENAn low after SPICSn low (if new data
9
td(SCSL-SENAL)S
tf(ENAn)
tc(VCLK)+tf(ENAn)+27
ns
has been written to the SPI buffer)
(1)
The MASTER bit (SPIGCR1.0) is cleared and the CLOCK PHASE bit (SPIFMTx.16) is cleared.
(2)
If the SPI is in slave mode, the following must be true: tc(SPC)S ≥ (PS + 1) tc(VCLK), where PS = prescale value set in SPIFMTx.[15:8].
(3)
For rise and fall timings, see Table 5-7.
(4)
tc(VCLK) = interface clock cycle time = 1 /f(VCLK)
(5)
When the SPI is in Slave mode, the following must be true:
For PS values from 1 to 255: tc(SPC)S ≥ (PS +1)tc(VCLK) ≥ 40ns, where PS is the prescale value set in the SPIFMTx.[15:8] register bits.
For PS values of 0: tc(SPC)S = 2tc(VCLK) ≥ 40ns.
(6)
The active edge of the SPICLK signal referenced is controlled by the CLOCK POLARITY bit (SPIFMTx.17).
Copyright © 2012–2015, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
149
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com