Electronic Components Datasheet Search
  English  ▼

X  

VT8231 Datasheet(PDF) 101 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 101 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 97Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 98Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 99Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 100Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 101Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 102Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 103Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 104Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 105Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-95-
Power Management I/O-Space Registers
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
General Purpose Power Management Registers
I/O Offset 21-20 - General Purpose Status (GP_STS).RWC
15
Reserved
........................................ always reads 0
14
USB Wake-Up Status (UWAK_STS)
For STR / STD / Soff
13
AC97 Wake-Up Status (AWAK_STS)
Can be set only in suspend mode
12
Battery Low Status (BL_STS)
This bit is set when the BATLOW# input is asserted
low.
11
Notebook Lid Status (LID_STS)
This bit is set when the LID input detects the edge
selected by Rx2C bit-7 (0=rising, 1=falling).
10
Thermal Detect Status (THRM_STS)
This bit is set when the THRM input detects the edge
selected by Rx2C bit-6 (0=rising, 1=falling).
9
USB Resume Status (USB_STS)
This bit is set when a USB peripheral generates a
resume event.
8
Ring Status (RING_STS)
This bit is set when the RING# input is asserted low.
7
GPI18 Toggle Status (GPI18_STS)
This bit is set when the GPI18 pin is toggled.
6
GPI6 / EXTSMI6 Toggle Status (GPI6_STS)
This bit is set when the GPI6 pin is toggled.
5
GPI5 Toggle Status (GPI5_STS)
This bit is set when the GPI5 pin is toggled.
4
GPI4 / EXTSMI4 Toggle Status (GPI4_STS)
This bit is set when the GPI4 pin is toggled.
3
GPI17 Toggle Status (GPI17_STS)
This bit is set when the GPI17 pin is toggled.
2
GPI16 Toggle Status (GPI16_STS)
This bit is set when the GPI16 pin is toggled.
1
GPI1 Toggle Status (GPI1_STS)
This bit is set when the GPI1 pin is toggled.
0
EXTSMI# Status (EXT_STS)
This bit is set when the EXTSMI# pin is asserted low.
Note that the above bits correspond one for one with the bits
of the General Purpose SCI Enable and General Purpose SMI
Enable registers at offsets 22 and 24:
an SCI or SMI is
generated if the corresponding bit of the General Purpose SCI
or SMI Enable registers, respectively, is set to one.
The above bits are set by hardware only and can only be
cleared by writing a one to the desired bit.
I/O Offset 23-22 - General Purpose SCI Enable ............ RW
15
Reserved
........................................ always reads 0
14
Enable SCI on setting of the UWAK_STS bit def=0
13
Enable SCI on setting of the AWAK_STS bit def=0
12
Enable SCI on setting of the BL_STS bit ......def=0
11
Enable SCI on setting of the LID_STS bit .....def=0
10
Enable SCI on setting of the THRM_STS bit def=0
9
Enable SCI on setting of the USB_STS bit ....def=0
8
Enable SCI on setting of the RING_STS bit .def=0
7
Enable SCI on setting of the GPI18_STS bit..def=0
6
Enable SCI on setting of the GPI6_STS bit....def=0
5
Enable SCI on setting of the GPI5_STS bit....def=0
4
Enable SCI on setting of the GPI4_STS bit....def=0
3
Enable SCI on setting of the GPI17_STS bit..def=0
2
Enable SCI on setting of the GPI16_STS bit..def=0
1
Enable SCI on setting of the GPI1_STS bit....def=0
0
Enable SCI on setting of the EXT_STS bit ....def=0
These bits allow generation of an SCI using a separate set of
conditions from those used for generating an SMI.
I/O Offset 25-24 - General Purpose SMI Enable ........... RW
15-14 Reserved
........................................ always reads 0
13
Enable SMI on setting of the AWAK_STS bit def=0
12
Enable SMI on setting of the BL_STS bit .....def=0
11
Enable SMI on setting of the LID_STS bit ....def=0
10
Enable SMI on setting of the THRM_STS bit def=0
9
Enable SMI on setting of the USB_STS bit ...def=0
8
Enable SMI on setting of the RING_STS bit def=0
7
Enable SMI on setting of the GPI18_STS bit.def=0
6
Enable SMI on setting of the GPI6_STS bit...def=0
5
Enable SMI on setting of the GPI5_STS bit...def=0
4
Enable SMI on setting of the GPI4_STS bit...def=0
3
Enable SMI on setting of the GPI17_STS bit.def=0
2
Enable SMI on setting of the GPI16_STS bit.def=0
1
Enable SMI on setting of the GPI1_STS bit...def=0
0
Enable SMI on setting of the EXT_STS bit....def=0
These bits allow generation of an SMI using a separate set of
conditions from those used for generating an SCI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com