Electronic Components Datasheet Search
  English  ▼

X  

VT8231 Datasheet(PDF) 102 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 102 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 98Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 99Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 100Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 101Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 102Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 103Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 104Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 105Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 106Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-96-
Power Management I/O-Space Registers
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Generic Power Management Registers
I/O Offset 29-28 - Global Status....................................RWC
15
GPIO Range 1 Access Status (GR1_STS) ...... def=0
14
GPIO Range 0 Access Status (GR0_STS) ...... def=0
13
GP3 Timer Timeout Status (G3TO_STS) ...... def=0
12
GP2 Timer Timeout Status (G2TO_STS) ...... def=0
11
SERIRQ SMI Status (SSMI_STS).................. def=0
10-9 Reserved
........................................ always reads 0
8
PCKRUN# Resume Status (PRRSM_STS).... def=0
This bit is set when PCI bus peripherals wake up the
system by asserting PCKRUN#
7
Primary IRQ Resume Status (PIRSM_STS) .def=0
This bit is set at the occurrence of primary IRQs as
defined in Rx45-44 of PCI configuration space
6
Software SMI Status (SW_SMI_STS)............ def=0
This bit is set when the SMI_CMD port (offset 2F) is
written.
5
BIOS Status (BIOS_STS) ................................ def=0
This bit is set when the GBL_RLS bit is set to one
(typically by the ACPI software to release control of
the SCI/SMI lock). When this bit is reset (by writing
a one to this bit position) the GBL_RLS bit is reset at
the same time by hardware.
4
Legacy USB Status (LEG_USB_STS) ............ def=0
This bit is set when a legacy USB event occurs.
3
GP1 Timer Time Out Status (GP1TO_STS).. def=0
This bit is set when the GP1 timer times out.
2
GP0 Timer Time Out Status (GP0TO_STS).. def=0
This bit is set when the GP0 timer times out.
1
Secondary
Event
Timer
Time
Out
Status
(STTO_STS) ..................................................... def=0
This bit is set when the secondary event timer times
out.
0
Primary Activity Status (PACT_STS)............ def=0
This bit is set at the occurrence of any enabled
primary system activity (see the Primary Activity
Detect Status register at offset 30h and the Primary
Activity Detect Enable register at offset 34h). After
checking this bit, software can check the status bits in
the Primary Activity Detect Status register at offset
30h to identify the specific source of the primary
event. Note that setting this bit can be enabled to
reload the GP0 timer (see bit-0 of the GP Timer
Reload Enable register at offset 38).
Note that SMI can be generated based on the setting of any of
the above bits (see the offset 2Ah Global Enable register bit
descriptions in the right hand column of this page).
The bits in this register are set by hardware only and can only
be cleared by writing a one to the desired bit position.
I/O Offset 2B-2A - Global Enable ................................... RW
15
GPIO Range 1 SMI Enable (GR1_EN) ..........def=0
14
GPIO Range 0 SMI Enable (GR0_EN) ..........def=0
13
GP3 Timer Timeout SMI Enable (G3TO_EN)def=0
12
GP2 Timer Timeout SMI Enable (G2TO_EN)def=0
11
SERIRQ SMI Enable (SSMI_EN) ..................def=0
10-9 Reserved
........................................ always reads 0
8
PCKRUN# Resume Enable (PRRSM_EN) ....def=0
This bit may be set to trigger an SMI to be generated
when the PRRSM_STS bit is set.
7
Primary IRQ Resume Enable (PIRSM_EN) ..def=0
This bit may be set to trigger an SMI to be generated
when the PIRSM_STS bit is set.
6
SMI on Software SMI (SW_SMI_EN) ...........def=0
This bit may be set to trigger an SMI to be generated
when the SW_SMI_STS bit is set.
5
SMI on BIOS Status (BIOS_EN) ....................def=0
This bit may be set to trigger an SMI to be generated
when the BIOS_STS bit is set.
4
SMI on Legacy USB (LEG_USB_EN) ............def=0
This bit may be set to trigger an SMI to be generated
when the LEG_USB_STS bit is set.
3
SMI on GP1 Timer Time Out (GP1TO_EN) .def=0
This bit may be set to trigger an SMI to be generated
when the GP1TO_STS bit is set.
2
SMI on GP0 Timer Time Out (GP0TO_EN) .def=0
This bit may be set to trigger an SMI to be generated
when the GP0TO_STS bit is set.
1
SMI on Secondary Event Timer Time Out
(STTO_EN) ......................................................def=0
This bit may be set to trigger an SMI to be generated
when the STTO_STS bit is set.
0
SMI on Primary Activity (PACT_EN) ...........def=0
This bit may be set to trigger an SMI to be generated
when the PACT_STS bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com