Electronic Components Datasheet Search
  English  ▼

X  

VT8231 Datasheet(PDF) 123 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 123 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 119Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 120Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 121Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 122Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 123Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 124Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 125Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 126Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 127Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-117-
Function 5 & 6 Registers - AC97 Audio & Modem Codecs
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Function 5 I/O Base 1 Registers –Audio FM NMI Status
I/O Offset 0 – FM NMI Status ..........................................RO
7-2
Reserved
........................................ always reads 0
1-0
FM NMI Status
00 Undefined
01 OPL3 Bank 0
10 OPL3 Bank 1
11 Undefined
I/O Offset 1 – FM NMI Data.............................................RO
7-0
FM NMI Data
This register allows readback of the data written to
the FM data port
I/O Offset 2 – FM NMI Index ...........................................RO
7-0
FM NMI Index
This register allows readback of the data written to
the FM index port
Function 5 I/O Base 2 Registers –MIDI / Game Port
I/O Offset 1-0 – MIDI Port Base ..................................... RW
15-0 MIDI Port Base Address.................. default = 0330h
This register is functional only if Rx42[7] = 1
I/O Offset 3-2 – Game Port Base ..................................... RW
15-0 Game Port Base Address ................. default = 0200h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com