Electronic Components Datasheet Search
  English  ▼

X  

VT8231 Datasheet(PDF) 126 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 126 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 122Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 123Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 124Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 125Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 126Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 127Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 128Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 129Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 130Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-120-
Functional Descriptions
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
FUNCTIONAL DESCRIPTIONS
Power Management
P
ower Management Subsystem Overview
The power management function of the VT8231 is indicated in
the following block diagram:
7+50
3RZHU
3ODQH DQG
6\VWHP
&RQWURO
*3
*OREDO
6WDQGE\
7LPHU
3:5%71
5,
60, $UELWHU
6OHHS:DNH
6WDWH
0DFKLQH
60,
6&,
 /HJDF\ 2QO\ (YHQW /RJLF
 $&3,  /HJDF\ (YHQW /RJLF
 $&3, 2QO\ (YHQW /RJLF
 60, (YHQWV
 6&,60, (YHQWV
0.

&38
673&/.
DQG &ON*HQ
&RQWURO
*3
'HYLFH
,GOH
7LPHU
8VHU
,QWHUIDFH
+DUGZDUH
(YHQWV
57&
6&,B(1
 $&3,  /HJDF\ *HQHULF &RQWURO )HDWXUHV
 $&3,  /HJDF\ )L[HG &RQWURO )HDWXUHV
 :DNHXS (YHQWV
30 7LPHU
6&, $UELWHU
%XV
0DVWHU
6/3%71
3ULPDU\
(YHQWV
86% UHVXPH
/,'
*3,2
+DUGZDUH
0RQLWRULQJ
Figure 6. Power Management Subsystem Block Diagram
Refer to ACPI Specification v1.0 and APM specification v1.2
for additional information.
Processor Bus States
The VT8231 supports the complete set of C0 to C3 processor
states as specified in the Advanced Configuration and Power
Interface (ACPI) specification (and defined in ACPI I/O space
Registers 10-15):
C0:
Normal Operation
C1:
CPU Halt (controlled by software).
C2:
Stop Clock. Entered when the P_LVL2 register is
read. The STPCLK# signal is asserted to put the
processor in the Stop Grant State. The CPUSTP#
signal is not asserted so that host clocks remain
running.
To exit this state, the chip negates
STPCLK#.
C3:
Suspend. Entered when the P_LVL3 register is read.
In addition to STPCLK# assertion as in the C2 state,
the SUSST1# (suspend status 1) signal is asserted to
tell the north bridge to switch to “Suspend DRAM
Refresh” mode based on the 32KHz suspend clock
(SUSCLK) provided by the VT8231.
If the
HOST_STP bit is enabled, then CPUSTP# is also
asserted to stop clock generation and put the CPU
into Stop Clock State.
To exit this state, the chip
negates CPUSTP# and allows time for the processor
PLL to lock.
Then the SUSST1# and STPCLK#
signals are negated to resume to normal operation.
During normal operation, two mechanisms are provided to
modulate CPU execution and control power consumption by
throttling the duty cycle of STPCLK#:
a.
Setting the THT_EN bit to 1, the duty cycle
defined in THT_DTY (IO space Rx10) is used.
b.
THRM# pin assertion enables automatic clock
throttling with duty cycle pre-configured in
THM_DTY (PCI configuration Rx4C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com