| Electronic Components Datasheet Search |
|
VT8231 Datasheet(PDF) 128 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
VT8231 Datasheet(HTML) 128 Page - List of Unclassifed Manufacturers |
|
128 / 132 page ![]() VT8231 Preliminary Revision 0.8 October 29, 1999 -122- Functional Descriptions 7HFKQRORJLHV ,QF :H &RQQHFW :H &RQQHFW Power Management Events Three types of power management events are supported: 1) ACPI-required Fixed Events defined in the PM1a_STS and PM1a_EN registers. These events can trigger either SCI or SMI depending on the SCI_EN bit: • PWRBTN# Triggering • RTC Alarm • Sleep Button • ACPI Power Management Timer Carry (always SCI) • BIOS Release (always SCI) 2) ACPI-aware General Purpose Function Events defined in the GP_STS and GP_SCI_EN, and GP_SMI_EN registers. These events can trigger either SCI or SMI depending on the setting of individual SMI and SCI enable bits: • External SMI triggering • USB Resume • Ring Indicator (RI#) • Battery Low Detect (BATLOW#) • Notebook Lid Open/Close Detect (LID) • Thermal Detect (THRM#) 3) Generic Global Events defined in the GBL_STS and GBL_EN registers. These registers are mainly used for SMI: • PCI Bus Clock Run Resume • Primary Interrupt Occurance • GP0 and GP1 Timer Time Out • Secondary Event Timer Time Out • Occurrence of Primary Events (defined in register PACT_STS and PACT_EN) • Legacy USB accesses (keyboard and mouse) - Software SMI System and Processor Resume Events Depending on the system suspend state, different features can be enabled to resume the system. There are two classes of resume events: a) VCCS-based events. Event logic resides in the VCCS plane and thus can resume the system from any suspend state. Such events include PWRBTN#, RI#, BATLOW#, LID, SMBus resume event, RTC alarm, EXTSMI#, and GP1 (EXTSMI1#). b) VCC-Based Events. Event logic resides in the VCC plane and thus can only resume the system from the POS state. Such events include the ACPI PM timer, USB resume, and EXTSMIn#. PCKRUN# PCLK HCLK GCLK Host CPU CPU Bus CKE# Memory Bus SMBus ISA VT82C598 (Apollo MVP3) or VT82C693 (Apollo ProPlus) FPG, EDO, or SDRAM (SDR or DDR) 3D Graphics Controller AGP Bus PCISTP# GPIO and ACPI Events BIOS ROM L2 Cache (Socket-7 Only) GCKRUN# PCI Bus IDE USB Power Plane & Peripheral Control VT82C686A Super South Keyboard / Mouse CPUSTP# Clock Generator MCLK HCLK GCLK PCLK SMI# / STPCLK# SUSCLK, SUSST1# SMIACT# Module ID Figure 7. System Block Diagram Using the VT8231 Super South Bridge |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |