Electronic Components Datasheet Search
  English  ▼

X  

VT8231 Datasheet(PDF) 125 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 125 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 121Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 122Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 123Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 124Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 125Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 126Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 127Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 128Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 129Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-119-
Function 5 & 6 Registers - AC97 Audio & Modem Codecs
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Offset 23-20 –Modem Codec Command / Status ............RW
31-30 Codec ID
......................................................... RW
00 Select Primary Codec
01 Select Secondary Codec 01
10 Select Secondary Codec 10
11 -reserved-
29-24 Reserved
........................................ always reads 0
28
AC97 Controller Busy ......................................... RO
0
Primary Codec is ready for a register access
command
1
AC97 Controller is sending a command to the
primary codec (commands are not accepted)
27
Reserved
........................................ always reads 0
26
Secondary Codec 2 Data / Status Valid...........RWC
0
Not Valid
1
Valid (OK to Read bits 0-23)
25
Secondary Codec 1 Data / Status Valid...........RWC
0
Not Valid
1
Valid (OK to Read bits 0-23)
24
Primary Codec Data / Status Valid .................RWC
0
Not Valid
1
Valid (OK to Read bits 0-23)
23
Codec Command Register Read/Write Mode .. RW
0
Select Codec command register write mode
1
Select Codec command register read mode
22-16 Codec Command Register Index [7:1] .............. RW
Index of the AC97 codec command register to access
(in the attached codec). Data must be written before
or at the same time as Index as writing to the index
triggers the AC97 controller to access the addressed
codec register over the AC-link interface.
15-0 Codec Command Register Data / Status ........... RW
W Codec Command Register Data
R
Codec Status Register Data
Offset 33-30 – Codec GPI Interrupt Status / GPIO .... RWC
31-16 GPI Interrupt Status ........................................ RWC
R
GPI[15-0] Interrupt Status
W 1 to clear
15-0 Codec GPIO .........................................................RW
R
Reflect status of Codec GPI[15-0]
W GPO[15-0]; triggers AC-Link slot-12 output to
codec
Offset 37-34 – Codec GPI Interrupt Enable................... RW
31-16 Interrupt on GPI[15-0] Change of Status..........RW
0
Disable
1Enable
15-0 Reserved
........................................ always reads 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com