Electronic Components Datasheet Search
  English  ▼

X  

GS1582 Datasheet(PDF) 39 Page - Semtech Corporation

Part # GS1582
Description  Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1582 Datasheet(HTML) 39 Page - Semtech Corporation

Back Button GS1582 Datasheet HTML 35Page - Semtech Corporation GS1582 Datasheet HTML 36Page - Semtech Corporation GS1582 Datasheet HTML 37Page - Semtech Corporation GS1582 Datasheet HTML 38Page - Semtech Corporation GS1582 Datasheet HTML 39Page - Semtech Corporation GS1582 Datasheet HTML 40Page - Semtech Corporation GS1582 Datasheet HTML 41Page - Semtech Corporation GS1582 Datasheet HTML 42Page - Semtech Corporation GS1582 Datasheet HTML 43Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 115 page
background image
GS1582 Multi-Rate Serializer with Cable Driver, Audio
Multiplexer and ClockCleanerTM
Data Sheet
40117 - 4
December 2011
39 of 115
deleted from the video input, however arbitrary packets, SDTI packets and SMPTE 352M
packets are not deleted.
When the EN_CASCADE host interface bit is set HIGH, the audio multiplexer operates
in cascade mode. Up to two audio groups can be added to the video output. The added
groups will not replace existing embedded audio groups. No existing packets are
deleted from the video input, and the added audio packets are appended to the last
packet in the video input.
In cascade mode, if the audio multiplexer is configured to add group 1 audio data
packets with the same group number as an existing group, MUX_ERRA will be asserted
in the host interface. Similarly, MUX_ERRB will be asserted if the configuration leads to
replacing existing groups with group 2.
When the AGR bit in the host interface is set HIGH, the audio multiplexer operates in
group replacement mode. In this mode, added audio groups can replace existing
embedded audio groups. The embedded audio groups will be sorted by audio group
number. No packets will be deleted from the video input (except for the audio packets
being replaced). SDTI packets and SMPTE 352M packets are placed before the audio
packets, and arbitrary packets are placed after the audio packets in SD mode.
NOTE 1: When audio group replacement mode is selected, the cascade function is
disabled.
NOTE 2: In normal SD mode, if the incoming stream has a completely full HANC space,
the outgoing HANC space will only get filled with up to 235 words and the remainder of
the space is left blank. This will not occur if there are one or more words free in the
incoming HANC space.
NOTE 3: SD audio in cascade mode may only be inserted if the HANC space of the
incoming stream is not completely full. If the incoming stream has a full HANC space,
audio packets will be inserted beyond the HANC boundary. The space following the
inserted audio packets will then be blanked until the next EAV is detected in the video
stream. This will not occur if there are two or more words free at the end of the incoming
HANC space after the existing packets.
NOTE 4: HD audio in normal mode may only be inserted if the HANC space of the
incoming stream is not completely full. If the incoming stream has a full HANC space,
packets will be inserted beyond the HANC boundary. The space following the inserted
packets will then be blanked until the next EAV is detected in the video stream. This will
not occur if there are two or more words free at the end of the incoming HANC space
after the existing packets.
Table 4-3: Audio Multiplexer Modes of Operation
Host Interface Registers
Operating Mode
EN_CASCADE = 0, AGR = 0
Normal Mode
EN_CASCADE = 1, AGR = 0
Cascade Mode
EN_CASCADE = 0, AGR = 1
Audio Group Replacement Mode
EN_CASCADE = 1, AGR = 1
Audio Group Replacement Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com