Electronic Components Datasheet Search
  English  ▼

X  

GS1582 Datasheet(PDF) 86 Page - Semtech Corporation

Part # GS1582
Description  Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1582 Datasheet(HTML) 86 Page - Semtech Corporation

Back Button GS1582 Datasheet HTML 82Page - Semtech Corporation GS1582 Datasheet HTML 83Page - Semtech Corporation GS1582 Datasheet HTML 84Page - Semtech Corporation GS1582 Datasheet HTML 85Page - Semtech Corporation GS1582 Datasheet HTML 86Page - Semtech Corporation GS1582 Datasheet HTML 87Page - Semtech Corporation GS1582 Datasheet HTML 88Page - Semtech Corporation GS1582 Datasheet HTML 89Page - Semtech Corporation GS1582 Datasheet HTML 90Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 115 page
background image
GS1582 Multi-Rate Serializer with Cable Driver, Audio
Multiplexer and ClockCleanerTM
Data Sheet
40117 - 4
December 2011
86 of 115
01Fh
FORMAT_ERR
15
861 timing format error flag.
R
0
Reserved
14-9
Reserved.
R
0
LINE_OFFSET
8-6
Shifts the timing of the output 861 timing signal by up
to +/-3 lines.
R/W
0
PIXEL_OFFSET
5-3
Shifts the timing of the output 861 timing signal by up
to +/-3 pixels.
R/W
0
Reserved
2-1
Reserved.
R
0
FSYNC_INVERT
0
Inverts the polarity of the detected field.
R/W
0
020h
ANC_INS_MODE
15
Selects the ANC data insertion operating mode.
0 Separate line mode
1 Concatenated mode
Reference: Section 4.8.1 on page 64.
R/W
0
PACKET_MISSED
14
Flag to indicate ancillary data packet could not be
inserted in its entirety.
Reference: Section 4.8 on page 63.
R0
RW_CONFLICT
13
Flag to indicate the same RAM address was read and
written at the same time.
R0
Reserved
12-11
Reserved
R/W
0000b
FIRST_LINE_NUMBER
10-0
Defines the line number for the first line in separate
line mode or the single line for concatenated mode.
R/W
0
021h
ANC_TYPE
15
Selects the ANC data type as HANC or VANC.
0 HANC
1 VANC
Reference: Section 4.8.2 & Section 4.8.3
R/W
0
STREAM_TYPE
14
Selects the luma or chroma stream for ANC insertion.
0 Luma stream
1 Chroma stream
This field is ignored in SD mode.
Reference: Section 4.8.2 & Section 4.8.3
R/W
0
Reserved
13-10
Reserved
R/W
0000b
FIRST_LINE_NUMBER_OF_
WORDS
9-0
Defines the total number of data words to insert on
the first line in separate line mode or single line in the
concatenated mode.
R/W
0
022h
Reserved
15-11
Reserved
R/W
00000b
SECOND_LINE_NUMBER
10-0
Defines the line number for ANC data insertion for the
2nd line in separate line mode.
R/W
0
Table 4-43: Video Configuration and Status Registers (Continued)
Address
Register Name
Bit
Description
R/W
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com