Electronic Components Datasheet Search
  English  ▼

X  

GS1582 Datasheet(PDF) 28 Page - Semtech Corporation

Part # GS1582
Description  Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1582 Datasheet(HTML) 28 Page - Semtech Corporation

Back Button GS1582 Datasheet HTML 24Page - Semtech Corporation GS1582 Datasheet HTML 25Page - Semtech Corporation GS1582 Datasheet HTML 26Page - Semtech Corporation GS1582 Datasheet HTML 27Page - Semtech Corporation GS1582 Datasheet HTML 28Page - Semtech Corporation GS1582 Datasheet HTML 29Page - Semtech Corporation GS1582 Datasheet HTML 30Page - Semtech Corporation GS1582 Datasheet HTML 31Page - Semtech Corporation GS1582 Datasheet HTML 32Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 115 page
background image
GS1582 Multi-Rate Serializer with Cable Driver, Audio
Multiplexer and ClockCleanerTM
Data Sheet
40117 - 4
December 2011
28 of 115
4.2.4 Parallel Input Clock (PCLK)
The frequency of the PCLK input signal required by the GS1582 is determined by the
input data format. Table 4-1 below lists the possible input signal formats and their
corresponding parallel clock rates. Note that the DVB-ASI input will only be in 10-bit
format, when setting the 20bit/10bit pin LOW.
Table 4-1: Parallel Data Input Format
Input Data Format
DIN [19:10]
DIN [9:0]
PCLK
Control Signals
20bit/
10bit
SD/
HD
SMPTE_BYPASS
DVB_ASI
SMPTE MODE
20-bit DEMULTIPLEXED SD
LUMA
CHROMA
13.5MHz
HIGH
HIGH
HIGH
LOW
10-bit MULTIPLEXED SD
LUMA /
CHROMA
HIGH
IMPEDANCE
27MHz
LOW
HIGH
HIGH
LOW
20-bit DEMULTIPLEXED
HD
LUMA
CHROMA
74.25 or
74.25/
1.001MH
z
HIGH
LOW
HIGH
LOW
10-bit MULTIPLEXED HD
LUMA /
CHROMA
HIGH
IMPEDANCE
148.5 or
148.5/
1.001MH
z
LOW
LOW
HIGH
LOW
DVB-ASI MODE
10-bit DVB-ASI
DVB-ASI
DATA
HIGH
IMPEDANCE
27MHz
LOW
HIGH
LOW
HIGH
LOW
HIGH
LOW
HIGH
DATA-THROUGH MODE
20-bit SD
DATA
DATA
13.5MHz
HIGH
HIGH
LOW
LOW
10-bit SD
DATA
HIGH
IMPEDANCE
27MHz
LOW
HIGH
LOW
LOW
20-bit HD
DATA
DATA
74.25 or
74.25/
1.001MH
z
HIGH
LOW
LOW
LOW
10-bit HD
DATA
HIGH
IMPEDANCE
148.5 or
148.5/
1.001MH
z
LOW
LOW
LOW
LOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com