Electronic Components Datasheet Search
  English  ▼

X  

GS1582 Datasheet(PDF) 2 Page - Semtech Corporation

Part # GS1582
Description  Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1582 Datasheet(HTML) 2 Page - Semtech Corporation

  GS1582 Datasheet HTML 1Page - Semtech Corporation GS1582 Datasheet HTML 2Page - Semtech Corporation GS1582 Datasheet HTML 3Page - Semtech Corporation GS1582 Datasheet HTML 4Page - Semtech Corporation GS1582 Datasheet HTML 5Page - Semtech Corporation GS1582 Datasheet HTML 6Page - Semtech Corporation GS1582 Datasheet HTML 7Page - Semtech Corporation GS1582 Datasheet HTML 8Page - Semtech Corporation GS1582 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 115 page
background image
GS1582 Multi-Rate Serializer with Cable Driver, Audio
Multiplexer and ClockCleanerTM
Data Sheet
40117 - 4
December 2011
2 of 115
10mW by also removing the power to the cable driver and
eliminating transitions at the parallel data and clock inputs.
The GS1582 is Pb-free and RoHS compliant.
Functional Block Diagram
GS1582 Functional Block Diagram
Input
Mux/
Demux
DIN[19:0]
SD/HD
Audio
Embedding
SMPTE 352M
Generation and
Insertion
ANC Data
Insertion
TRS, Line
Number
and CRC
Insertion
EDH
Packet
Insertion
NRZ/NRZI
SMPTE
Scrambler
DVB ASI
ENDEC
F/DE
V/VSYNC
H/HSYNC
TIM_861
Parallel to Serial
Converter
Mux
SMPTE
Cable
Driver
SDO
SDO
RSET
SDO_EN/DIS
PCLK
ACLK1
ACLK2
WCLK1
WCLK2
Ain_1/2
Ain_3/4
Ain_5/6
Ain_7/8
AUDIO_INT
GRP1_EN/DIS
GRP2_EN/DIS
GSPI
Host Interface
HANC/
VANC
Blanking
PhaseDetector/
Chargepump
2.5V
Regulator
LOCKED
ClockCleaner™



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com