Electronic Components Datasheet Search
  English  ▼

X  

GS1582 Datasheet(PDF) 21 Page - Semtech Corporation

Part # GS1582
Description  Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1582 Datasheet(HTML) 21 Page - Semtech Corporation

Back Button GS1582 Datasheet HTML 17Page - Semtech Corporation GS1582 Datasheet HTML 18Page - Semtech Corporation GS1582 Datasheet HTML 19Page - Semtech Corporation GS1582 Datasheet HTML 20Page - Semtech Corporation GS1582 Datasheet HTML 21Page - Semtech Corporation GS1582 Datasheet HTML 22Page - Semtech Corporation GS1582 Datasheet HTML 23Page - Semtech Corporation GS1582 Datasheet HTML 24Page - Semtech Corporation GS1582 Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 115 page
background image
GS1582 Multi-Rate Serializer with Cable Driver, Audio
Multiplexer and ClockCleanerTM
Data Sheet
40117 - 4
December 2011
21 of 115
2.4 AC Electrical Characteristics
Output
Output Common
Mode Voltage
VCMOUT
75Ω load, RSET=750Ω
SD and HD mode
–
CD_VDD
- ΔVSDD
–V
–
NOTES
1. VCO_VDD guaranteed only when GO1555 is connected.
2. Sum of all 1.8V supplies.
3. Sum of all 3.3V supplies.
4. IO_VDD = 3.3V. When IO_VDD = 1.8V, the current/power consumption is lower by up to 5mA/10mW.
5. See Standby Section for details.
Table 2-2: DC Electrical Characteristics (Continued)
Guaranteed over recommended operating conditions unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Table 2-3: AC Electrical Characteristics
Guaranteed over recommended operating conditions unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
System
Device Latency
–
10-bit SD
–
–
550
PCLK
–
–
20-bit HD
–
–
1065
PCLK
–
–
DVB-ASI
–
–
15
PCLK
–
–
10-bit SD or 20-bit
HD; All Audio
Disabled
–
–
27
PCLK
–
Reset Pulse Width
treset
–10
–
–
ms
1
Parallel Input
Parallel Clock Frequency
fPCLK
–
13.5
–
148.5
MHz
–
Parallel Clock Duty Cycle
DCPCLK
–40
–
60
%
–
Input Data Setup Time
tsu
50% levels; 3.3V or
1.8V operation
2–
–
ns
4
Input Data Hold Time
tih
0.8
–
–
ns
4
Serial Audio Data Input
Input Data Set-up Time
tsu
50% levels;
3.3V or 1.8V
operation
74
–
–
ns
–
Input Data Hold Time
tih
74
–
–
ns
–
Serial Digital Output
Serial Output Data Rate
DRSDO
–
–
1.485
–
Gb/s
–
–
–
1.485/1.001
–
Gb/s
–
–
–
270
–
Mb/s
–
Serial Output Swing
VSDD
RSET = 750Ω
75Ω load
750
800
850
mVp-p
–
Serial Output Rise/Fall Time
20% ~ 80%
trfSDO
HD mode
–
120
270
ps
–
trfSDO
SD mode
400
660
800
ps
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com