Electronic Components Datasheet Search
  English  ▼

X  

GS1582 Datasheet(PDF) 13 Page - Semtech Corporation

Part # GS1582
Description  Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1582 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button GS1582 Datasheet HTML 9Page - Semtech Corporation GS1582 Datasheet HTML 10Page - Semtech Corporation GS1582 Datasheet HTML 11Page - Semtech Corporation GS1582 Datasheet HTML 12Page - Semtech Corporation GS1582 Datasheet HTML 13Page - Semtech Corporation GS1582 Datasheet HTML 14Page - Semtech Corporation GS1582 Datasheet HTML 15Page - Semtech Corporation GS1582 Datasheet HTML 16Page - Semtech Corporation GS1582 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 115 page
background image
GS1582 Multi-Rate Serializer with Cable Driver, Audio
Multiplexer and ClockCleanerTM
Data Sheet
40117 - 4
December 2011
13 of 115
D3
STANDBY
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
Power down input.
When set HIGH, the device will be in standby mode.
D4
SDO_EN/DIS
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
Used to enable or disable the serial digital output stage.
When set LOW, the serial digital output signals SDO and SDO are
disabled and become high impedance.
When set HIGH, the serial digital output signals SDO and SDO are
enabled.
The SDO and SDO outputs will also be high impedance when the
RESET pin is LOW.
D6, D7, D8,
E4, E8, F8
NC
–
–
No connect. Not connected internally.
E3
SD/HD
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
When set LOW, the device will be configured to transmit signals of
1.485Gb/s - 1.485/1.001Gb/s rates only.
When set HIGH, the device will be configured to transmit signals of
a 270Mb/s rate only.
E10
CD_VDD
Analog
Input
Power
Power supply connection for the serial digital cable driver. Connect
to +3.3V DC analog.
F1, F2, H1,
H2, J1, J2,
J3, K1, K2,
K3
DIN[9:0]
Synchronous
with PCLK
Input
PARALLEL DATA BUS
Signal levels are LVCMOS/LVTTL compatible.
DIN9 is the MSB and DIN0 is the LSB.
HD 20-bit mode
SD/HD = LOW
20bit/10bit = HIGH
Chroma data input in SMPTE mode
SMPTE_BYPASS =HIGH
DVB_ASI = LOW
Data input in Data-Through mode
SMPTE_BYPASS = LOW
DVB_ASI = LOW
HD 10-bit mode
SD/HD = LOW
20bit/10bit = LOW
High impedance in all modes.
SD 20-bit mode
SD/HD = HIGH
20bit/10bit = HIGH
Chroma data input in SMPTE mode
SMPTE_BYPASS = HIGH
DVB_ASI = LOW
Data input in Data-Through mode
SMPTE_BYPASS = LOW
DVB_ASI = LOW
Forced low in DVB-ASI mode
SMPTE_BYPASS = LOW
DVB_ASI = HIGH
SD 10-bit mode
SD/HD = HIGH
20bit/10bit = LOW
High impedance in all modes.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com