Electronic Components Datasheet Search
  English  ▼

X  

GS1582 Datasheet(PDF) 1 Page - Semtech Corporation

Part # GS1582
Description  Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1582 Datasheet(HTML) 1 Page - Semtech Corporation

  GS1582 Datasheet HTML 1Page - Semtech Corporation GS1582 Datasheet HTML 2Page - Semtech Corporation GS1582 Datasheet HTML 3Page - Semtech Corporation GS1582 Datasheet HTML 4Page - Semtech Corporation GS1582 Datasheet HTML 5Page - Semtech Corporation GS1582 Datasheet HTML 6Page - Semtech Corporation GS1582 Datasheet HTML 7Page - Semtech Corporation GS1582 Datasheet HTML 8Page - Semtech Corporation GS1582 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 115 page
background image
1 of 115
GS1582 Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleanerTM
www.gennum.com
Data Sheet
40117 - 4
December 2011
GS1582 Multi-Rate Serializer with Cable Driver, Audio Multiplexer and
ClockCleanerTM
Key Features
• HD-SDI, SD-SDI, DVB-ASI transmitter with audio
embedding
• Integrated SMPTE 292M and 259M-C compliant cable
driver
•Integrated ClockCleaner™
• User selectable video processing features, including:
Generic ancillary data insertion
Support for HVF or EIA/CEA-861 timing input
Automatic standard detection and indication
Enhanced SMPTE 352M payload identifier
generation and insertion
TRS, CRC, ANC data checksum, and line number
calculation and insertion
EDH packet generation and insertion
Illegal code remapping
SMPTE 292M and SMPTE 259M-C compliant
scrambling and NRZ → NRZI encoding
Blanking of input HANC and VANC space
• User selectable audio processing features, including:
SMPTE 299M and SMPTE 272M-A/C compliant
audio embedding
Support for up to 8 channels
Support for audio group replacement
• JTAG test interface
• 1.8V core and 3.3V charge pump power supply
• 1.8V and 3.3V digital I/O support
• Low power standby mode
• Operating temperature range: -20oC to +85oC
• Pb-free, RoHS compliant, 11mm x 11mm 100-ball BGA
package
Applications
• SMPTE 292M and SMPTE 259M-C Serial Digital
Interfaces
• DVB-ASI Serial Digital Interfaces
Description
The GS1582 is the next generation multi-standard
serializer with an integrated cable driver. The device
provides robust parallel to serial conversion, generating a
SMPTE 292M/259M-C compliant serial digital output
signal. The integrated cable driver features an output
disable (high impedance) mode and an adjustable signal
swing. Data input is accepted in 20-bit parallel format or
10-bit parallel format. An associated parallel clock input
must be provided at the appropriate operating frequency;
74.25/74.1758/13.5MHz (20-bit mode) or
148.5/148.352/27MHz (10-bit mode).
The GS1582 features an internal PLL which, if desired, can
be configured for a loop bandwidth below 100kHz. When
used in conjunction with the GO1555 Voltage Controlled
Oscillator, the GS1582 can tolerate well in excess of 300ps
jitter on the input PCLK and still provide output jitter within
SMPTE specifications.
In addition to serializing the input, the GS1582 performs
NRZ-to-NRZI encoding and scrambling as per SMPTE
292M/259M-C when operating in SMPTE mode. When
operating in DVB-ASI mode, the device will insert K28.5
sync characters and 8b/10b encode the data prior to
serialization. The device also provides a range of other data
processing functions. All processing features are optional
and may be enabled/disabled via external control pin(s)
and/or host interface programming.
The GS1582 can embed up to 8 channels of audio into the
video data stream in accordance with SMPTE 299M and
SMPTE 272M. The audio input signal formats supported by
the device include AES/EBU and I2S serial digital formats
with a 16, 20 or 24 bit sample size and a 48 kHz sample rate.
Additional audio processing features include individual
channel enable, channel swap, group swap, ECC
generation and audio channel status insertion.
Typical power consumption, including the GO1555 VCO, is
500mW. The standby feature allows the power to be
reduced to 125mW. Power may be reduced to less than


Similar Part No. - GS1582

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1582 GENNUM-GS1582 Datasheet
1Mb / 114P
Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner?
GS1582 GENNUM-GS1582 Datasheet
2Mb / 115P
Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
GS1582 GENNUM-GS1582 Datasheet
2Mb / 115P
Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
GS1582-IBE3 GENNUM-GS1582-IBE3 Datasheet
1Mb / 114P
Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner?
GS1582-IBE3 GENNUM-GS1582-IBE3 Datasheet
2Mb / 115P
Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
More results

Similar Description - GS1582

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1531 GENNUM-GS1531 Datasheet
848Kb / 49P
GS1531 HD-LINX-TM II Multi-Rate Serializer
GS1532 GENNUM-GS1532 Datasheet
862Kb / 52P
GS1532 HD-LINX-TM II Multi-Rate Serializer
GS1582 GENNUM-GS1582 Datasheet
1Mb / 114P
Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner?
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1531 GENNUM-GS1531_08 Datasheet
817Kb / 50P
Multi-Rate Serializer with ClockCleaner
GS1532 GENNUM-GS1532_07 Datasheet
827Kb / 51P
Multi-Rate Serializer with ClockCleaner
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1582 GENNUM-GS1582_09 Datasheet
2Mb / 115P
Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
GS9062 GENNUM-GS9062_07 Datasheet
764Kb / 46P
HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com