Electronic Components Datasheet Search
  English  ▼

X  

GS1582 Datasheet(PDF) 73 Page - Semtech Corporation

Part # GS1582
Description  Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1582 Datasheet(HTML) 73 Page - Semtech Corporation

Back Button GS1582 Datasheet HTML 69Page - Semtech Corporation GS1582 Datasheet HTML 70Page - Semtech Corporation GS1582 Datasheet HTML 71Page - Semtech Corporation GS1582 Datasheet HTML 72Page - Semtech Corporation GS1582 Datasheet HTML 73Page - Semtech Corporation GS1582 Datasheet HTML 74Page - Semtech Corporation GS1582 Datasheet HTML 75Page - Semtech Corporation GS1582 Datasheet HTML 76Page - Semtech Corporation GS1582 Datasheet HTML 77Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 115 page
background image
GS1582 Multi-Rate Serializer with Cable Driver, Audio
Multiplexer and ClockCleanerTM
Data Sheet
40117 - 4
December 2011
73 of 115
Table 4-38: Host Interface Description for EDH Flag Register (SD Mode Only)
Register Name
Bit
Name
Description
R/W
Default
EDH_FLAG
Address: 002h
15
–
Not Used.
–
–
14
ANC-UES
Ancillary Unknown Error Status flag will be
generated and inserted.
R/W
0
13
ANC-IDA
Ancillary Internal device error Detected
Already flag will be generated and inserted.
R/W
0
12
ANC-IDH
Ancillary Internal device error Detected Here
flag will be generated and inserted.
R/W
0
11
ANC-EDA
Ancillary Error Detected Already flag will be
generated and inserted.
R/W
0
10
ANC-EDH
Ancillary Error Detected Here flag will be
generated and inserted.
R/W
0
9
FF-UES
Full Field Unknown Error flag will be
generated and inserted.
R/W
0
8
FF-IDA
Full Field Internal device error Detected
Already flag will be generated and inserted.
R/W
0
7
FF-IDH
Full Field Internal device error Detected flag
will be generated and inserted.
R/W
0
6
FF-EDA
Full Field Error Detected Already flag will be
generated and inserted.
R/W
0
5
FF-EDH
Full Field Error Detected Here flag will be
generated and inserted.
R/W
0
4
AP-UES
Active Picture Unknown Error Status flag will
be generated and inserted.
R/W
0
3
AP-IDA
Active Picture Internal device error Detected
Already flag will be generated and inserted.
R/W
0
2
AP-IDH
Active Picture Internal device error Detected
Here flag will be generated and inserted.
R/W
0
1
AP-EDA
Active Picture Error Detected Already flag
will be generated and inserted.
R/W
0
0
AP-EDH
Active Picture Error Detected Here flag will
be generated and inserted.
R/W
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com