Electronic Components Datasheet Search
  English  ▼

X  

GS1582 Datasheet(PDF) 49 Page - Semtech Corporation

Part # GS1582
Description  Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1582 Datasheet(HTML) 49 Page - Semtech Corporation

Back Button GS1582 Datasheet HTML 45Page - Semtech Corporation GS1582 Datasheet HTML 46Page - Semtech Corporation GS1582 Datasheet HTML 47Page - Semtech Corporation GS1582 Datasheet HTML 48Page - Semtech Corporation GS1582 Datasheet HTML 49Page - Semtech Corporation GS1582 Datasheet HTML 50Page - Semtech Corporation GS1582 Datasheet HTML 51Page - Semtech Corporation GS1582 Datasheet HTML 52Page - Semtech Corporation GS1582 Datasheet HTML 53Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 115 page
background image
GS1582 Multi-Rate Serializer with Cable Driver, Audio
Multiplexer and ClockCleanerTM
Data Sheet
40117 - 4
December 2011
49 of 115
group in IDB[1:0] of the host interface. 24-bit support is selected by setting the 24BIT bit
of host interface HIGH.
When the host interface CASCADE bit is set LOW, the audio core defaults to audio
groups 1 and 2, where Ain_1/2 and Ain_3/4 are multiplexed with audio group 1 DID,
and Ain_5/6 and Ain_7/8 with audio group 2 DID.
When the CASCADE bit is set HIGH, the GS1582 defaults to audio groups 3 and 4, where
Ain_1/2 and Ain_3/4 are multiplexed with audio group 3 DID, and Ain_5/6 and Ain_7/8
with audio group 4 DID.
NOTE: If IDA and IDB are set to the same value, these bits will automatically revert to
their default values.
Any other configurations can be programmed for the audio groups as required.
4.7.11 Audio Group Replacement
Audio group replacement mode allows the multiplexing of new audio groups, whilst
replacing existing embedded audio with the same group DID. All other embedded audio
groups will remain in the video stream. Up to two groups of audio (and extended audio
for SD formats) can be replaced at once.
The first function performed by the GS1582 is deleting the audio group or groups to be
replaced. The next step is removing and storing any other audio packets that are to be
preserved. The final step is to embed the new and stored audio data packets so they are
contiguous from the EAV (for HD formats, they will be contiguous after the line CRC
words). See Figure 4-17.
Table 4-10: Audio Group DID Host Interface Settings
Audio Group
SD
Data DID
SD
Extended DID
HD
Data DID
SD
Control DID
HD
Control DID
Host Interface
Register
Setting (2-bit)
1
2FFh
1FEh
2E7h
1EFh
1E3h
00b
2
1FDh
2FCh
1E6h
2EEh
2E2h
01b
3
1FBh
2FAh
1E5h
2EDh
2E1h
10b
4
2F9h
1F8h
2E4h
1ECh
1E0h
11b
Table 4-11: Audio Data and Control Packet DID Setting Register
Name
Description
Default CASCADE
set LOW
Default CASCADE
set HIGH
IDA[1:0]
Group 1 audio data and control
packet DID setting
00b
10b
IDB[1:0]
Group 2 audio data and control
packet DID setting
01b
11b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com