Electronic Components Datasheet Search
  English  ▼

X  

GS1582 Datasheet(PDF) 3 Page - Semtech Corporation

Part # GS1582
Description  Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1582 Datasheet(HTML) 3 Page - Semtech Corporation

  GS1582 Datasheet HTML 1Page - Semtech Corporation GS1582 Datasheet HTML 2Page - Semtech Corporation GS1582 Datasheet HTML 3Page - Semtech Corporation GS1582 Datasheet HTML 4Page - Semtech Corporation GS1582 Datasheet HTML 5Page - Semtech Corporation GS1582 Datasheet HTML 6Page - Semtech Corporation GS1582 Datasheet HTML 7Page - Semtech Corporation GS1582 Datasheet HTML 8Page - Semtech Corporation GS1582 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 115 page
background image
GS1582 Multi-Rate Serializer with Cable Driver, Audio
Multiplexer and ClockCleanerTM
Data Sheet
40117 - 4
December 2011
3 of 115
Revision History
Version
ECR
PCN
Date
Changes and/or Modifications
4
157323
–
November
2011
Corrected a typo under Default column for Address 422h in Table 4-44.
3
151526
52183
March
2009
Changed Parallel Input Data Hold Time from 2ns to 0.8ns in Table 2-3: AC Electrical
Characteristics.
2
150785
51685
October
2008
Changed Figure 4-30: GSPI Write Mode Timing.
1
146167
–
November
2007
Converted to a Data Sheet.
Updates to: Note 4 in Table 2-2 on page 20, Audio Modes of Operation on page 38,
Arbitrary, SMPTE 352M & EDH Packet Detect on page 40, Table 4-3 on page 39, 4.8
Ancillary Data Insertion, Separate Line Mode on page 64, Concatenated Mode on
page 65, Command Word Description on page 79, 4.13 GSPI Host Interface,
Table 4-33, 4.9.3 Video Standard Indication, 2.3 DC Electrical Characteristics, 4.9.4.4
Ancillary Data Checksum Generation and Insertion, Table 2-3: AC Electrical
Characteristics, 4.7.14 Interrupt Control,4.9.4.1 SMPTE 352M Payload Identifier Packet
Insertion, 4.7.9.1 SD Formats and 4.7.9.2 HD Formats.
0
145472
–
June 2007
Converted to Preliminary Data Sheet. Changes were made in the following areas;
Table 1-1: Pin Descriptions, 2.1 Absolute Maximum Ratings, 2.2 Recommended
Operating Conditions, 2.3 DC Electrical Characteristics, 2.4 AC Electrical
Characteristics, 4.3 SMPTE Mode, 4.3.1 HVF Timing, 4.6 Standby Mode, 4.7.20 Audio
Word Clock, 4.8 Ancillary Data Insertion, 4.8.3 VANC Insertion, 4.9.4.1 SMPTE 352M
Payload Identifier Packet Insertion, 4.9.4.3 EDH Generation and Insertion, 4.11.2 Loop
Filter, 4.11.3 Lock Detect Output, 4.13.1 Command Word Description, Table 4-44: SD
Audio Configuration and Status Registers, Table 4-45: HD Audio Configuration and
Status Registers, 4.15 Device Reset, 5.1 Typical Application Circuit (Part A), 7.1
Package Dimensions, 7.2 Packaging Data, 7.2 Packaging Data, 7.5 Ordering
Information,
B
144894
–
April 2007
Changed pin F4 to RSV and added drive strength values for pin H4, H7, and J9 in Pin
Assignment and Pin Descriptions. Modified input voltage range parameter in
Absolute Maximum Ratings. Updated serial output intrinsic jitter value in AC
Electrical Characteristics. Added digital input/output circuits in Section 3. Added note
to 4.7.20 Audio Word Clock.
A
141222
–
March
2007
New Document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com