Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 207 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 207 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 203Page - National Semiconductor (TI) PC87591E Datasheet HTML 204Page - National Semiconductor (TI) PC87591E Datasheet HTML 205Page - National Semiconductor (TI) PC87591E Datasheet HTML 206Page - National Semiconductor (TI) PC87591E Datasheet HTML 207Page - National Semiconductor (TI) PC87591E Datasheet HTML 208Page - National Semiconductor (TI) PC87591E Datasheet HTML 209Page - National Semiconductor (TI) PC87591E Datasheet HTML 210Page - National Semiconductor (TI) PC87591E Datasheet HTML 211Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
207
www.national.com
ACB Control Register 3 (ACBnCTL3)
The ACBnCTL3 register expands the clock pre-scaler field and enables the match to ARP addresses. ACBnCTL2 is cleared
on reset (0016).
Location: Channel 1 -00 FF6E16
Channel 2- 00 FFEE16 (Update for Multiple Instances)
Type: R/W
4.13.9 Usage Hints
1. When the ACB is disabled, BB in ACBnCST register is cleared. After the ACB is enabled (by setting ENABLE in
ACBnCTL2 register), the bus may be in the middle of a transaction with another device in systems with more than one
master. This status is not reflected by BB.
To prevent bus errors, the ACB must synchronize with the bus activity status before issuing a request to become the bus
master for the first time. The software should check that there is no activity on the bus by checking the BB bit after the
time-out period allowed by the bus.
2. When waking up from power-down before checking MATCH in ACBnCST register, check BUSY in the same register to
make sure that the address transaction is completed.
3. The BB bit can help solve a deadlock in which two or more devices detect a usage conflict on the bus and both cease
being bus masters at the same time. In this situation, the BB bits of both devices are active (because each “detects”
another master currently performing a transaction, while in fact there is no transaction). This potentially causes the bus
to stay locked until a device on the bus sends a Stop Condition (through STOP in ACBnCTL1 register).
The BB bit allows the software to monitor bus usage so that it can detect whether the bus remains unused over a certain
period of time while BB is set. It also avoids sending a STOP signal in the middle of the transaction of another device on
the bus.
4. In some cases, the bus may get stuck with the SCL and/or SDA lines active, such as when an erroneous Start or Stop
Condition occurs in the middle of a slave receive session.
If the SCL line is stuck active, the module that holds the bus must release it.
If the SDA line is stuck active, the sequence below releases the bus (Note: In normal cases, SCL may be toggled only
by the bus master; this sequence is a recovery scheme which is an exception and should be only used if there is no other
master on the bus):
a. Disable and re-enable the module to set it for the Slave mode not addressed.
b. Set START in ACBnCTL1 register to attempt to issue a Start Condition.
c. Check if the SDA line is active (low) by reading TSDA in ACBnCST register. If it is active, issue a single SCL cycle
by writing 1 to TGSCL in the same register. If it is not active, skip to step e.
d. Check if MASTER in ACBnST register is set, which indicates that the Start Condition was sent. If it is not set, repeat
step c and this step until the SDA is released.
e. Clear BB. This enables START to be executed. Continue according to “Bus Idle Error Recovery” on page 200.
Bit
76543210
Name
Reserved
ARPMEN
SCLFRQ8-7
Reset
00000000
Bit
Description
1-0
SCLFRQ8-7 (SCL Frequency bits 8 and 7). Extends SCLFRQ field and is concatenated with bits 0-6, which
are part of ACBnCTL2 register. Detailed use of SCLFRQ is provided in the SCLFRQ6-0 description in
ACBnCTL2.
2
ARPMEN (ARP Match Enable). When set, enables the matching of an incoming address byte to the SMBus
ARP address (110 00012) while the ACB is in Slave mode. When cleared, the ACB does not respond to an ARP
address.
7-3
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com