Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 67 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 67 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 63Page - National Semiconductor (TI) PC87591E Datasheet HTML 64Page - National Semiconductor (TI) PC87591E Datasheet HTML 65Page - National Semiconductor (TI) PC87591E Datasheet HTML 66Page - National Semiconductor (TI) PC87591E Datasheet HTML 67Page - National Semiconductor (TI) PC87591E Datasheet HTML 68Page - National Semiconductor (TI) PC87591E Datasheet HTML 69Page - National Semiconductor (TI) PC87591E Datasheet HTML 70Page - National Semiconductor (TI) PC87591E Datasheet HTML 71Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 437 page
background image
3.0 Power, Reset and Clocks (Continued)
Revision 1.07
67
www.national.com
During a Warm reset, the PC87591x responds as follows:
●
Terminates core executed instructions
●
Discards results not yet written to memory
●
Eliminates any pending core interrupts and traps
●
Clears the internal latch for the core domain’s edge-sensitive external interrupt
●
Deactivates the external bus control signals WR(0-1), SEL(0-1), SELIO, RD and BST(0-2)
●
Puts the address A(0-19) and data D(0-15) buses in TRI-STATE
●
Switches to core domain’s Active mode
●
Loads default values into registers, with the exception of:
— The Mobile System Wake-Up Control (MSWC) and RTC registers retained by VPP.
— Some registers that are specifically noted to be cleared only by other events
●
Resets the Debugger interface, except for TAP controller
During Warm reset, strap pins are not sampled and the configuration determined at VCC power-up is unaffected by subse-
quent Warm resets.
The PC87591x core domain and some parts of the host-core interface functions can operate when RESET1 is still asserted
(low). Some parts of the Host Domain Functions that are reset by the Host Domain reset (see following section) are kept
reset as long as RESET1 is asserted.
3.2.5
Host Domain Reset
Using RESET2 Input
The RESET2 input signal is enabled as an alternate function on one of two pins. The Protection Word in the flash memory
is used to define whether the RESET2 input is enabled and, if so, on which of the two pins. See Section 4.16.6 on page 226
for details on RESET2 input configuration.
Note that enabling RESET2 input on either of the signals causes that pin to be used as an input GPIO with an interrupt input
associated with it. It is recommended to use this interrupt function to interrupt the core when a RESET2 event occurs and
to use the interrupt routing to stop activities and resume default values to some system elements not directly reset by the
event.
Host Domain Reset Actions
The reset actions on the host domain are broken into two categories that depend on the reset event source; some of the
actions may happen for both these reset source types and thus are named Host Domain Rest.
Host Domain Hardware Reset: While RESET1 is active, RESET2 is also active if VDD is on or during VDD power-up.
Host Domain Hardware reset performs the following actions:
●
It brings the LPC interface state machine to its inactive state.
●
It resets all SuperI/O configuration registers except for those that are battery-backed (see Section 6.1.8 on page 343).
●
It resets Shared Memory Host Controlled registers
Host Domain Software Reset: This reset is triggered by a write of 1 to bit 1 in SIOCF1 register in the SuperI/O Configura-
tion registers.
Host Domain Software reset performs the following actions:
●
It resets all SuperI/O configuration registers except those noted to be protected from software reset (i.e., bits that are
locked from write accesses).
●
It resets Mobile System Wake-Up Control (MSWC) bits and RTC bits marked to be reset by software.
Note that lock bits and memory protect bits are not reset by software reset; instead, they require a hardware reset to unlock
them; this requirement protects these bits from any faulty or malicious software.
For more details, see Section 6.1.3 on page 341.
Host Domain Reset: This term is used when a bit is reset by either a Host Domain Hardware reset or Host Domain Soft-
ware reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com