Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 96 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 96 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 92Page - National Semiconductor (TI) PC87591E Datasheet HTML 93Page - National Semiconductor (TI) PC87591E Datasheet HTML 94Page - National Semiconductor (TI) PC87591E Datasheet HTML 95Page - National Semiconductor (TI) PC87591E Datasheet HTML 96Page - National Semiconductor (TI) PC87591E Datasheet HTML 97Page - National Semiconductor (TI) PC87591E Datasheet HTML 98Page - National Semiconductor (TI) PC87591E Datasheet HTML 99Page - National Semiconductor (TI) PC87591E Datasheet HTML 100Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
96
Revision 1.07
DMA Status Register (DMASTATn)
A byte-wide, read with write 1 to clear register that holds the status information for the DMAC channel. On reset, the imple-
mented bits are initialized to 0. The reserved bits always return zero when read.
The format of the DMASTATn register is shown below.
Location: Channel 0 - 00 FA1E16
Channel 1 - 00 FA3E16
Channel 2 - 00 FA5E16
Channel 3 - 00 FA7E16
Type: R/W1C
Bit
76543210
Name
Reserved
VLD
CHAC
OVR
TC
Reset
00000000
Bit
Description
0
TC1 (Terminal Count). When set to 1, indicates that the transfer was completed by a terminal count condition
(BLTCn register reached 0).
1. The VLD, OVR and TC bits are sticky (once set by the occurrence of the specific condition, they remain set until
explicitly cleared by software). These bits can be cleared individually by writing a value into the DMASTATn reg-
ister with the bit positions to be cleared set to 1; writing 0 to these bits has no effect.
1
OVR1 (Channel Overrun).
• In double buffered operation (OT bit in DMACNTLn register is 0):
OVR is set to 1 when the present transfer is completed (BLTC = 0), but the parameters for the next transfer
(address and block length) are not valid.
• In auto initialize operation: (OT bit in DMACNTLn register is 1)
OVR is set to 1 when the present transfer is completed (BLTC = 0), but TC bit is still set to 1 (e.g., the software
did not serve the last interrupt).
• In single buffer operation:
This bit is ignored.
2
CHAC (Channel Active). Continuously reflects the active or inactive status of the channel and is therefore read
only. Data written to CHAC bit is ignored.
0: Indicates that the channel is inactive
1: Indicates that the channel is active (CHEN bit in DMACNTLn register is 1 and BLTC > 0)
3
VLD1 (Transfer Parameters Valid). Specifies whether the transfer parameters for the next block to be
transferred are valid.
Writing to the BLTRn register sets this bit to 1.
It is cleared to 0 in the following cases:
• The present transfer is completed, and the ADRAn, ADRBn (Indirect mode only) and BLTR registers are copied
to the ADCAn, ADCBn (Indirect mode only) and BLTCn registers, respectively.
• Writing 1 to VLD bit; (writing zero has no effect).
7-4
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com